Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3941-ADJ Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # UCC3941-ADJ
Description  1V Synchronous Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UCC3941-ADJ Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button UCC3941-ADJ Datasheet HTML 3Page - List of Unclassifed Manufacturers UCC3941-ADJ Datasheet HTML 4Page - List of Unclassifed Manufacturers UCC3941-ADJ Datasheet HTML 5Page - List of Unclassifed Manufacturers UCC3941-ADJ Datasheet HTML 6Page - List of Unclassifed Manufacturers UCC3941-ADJ Datasheet HTML 7Page - List of Unclassifed Manufacturers UCC3941-ADJ Datasheet HTML 8Page - List of Unclassifed Manufacturers UCC3941-ADJ Datasheet HTML 9Page - List of Unclassifed Manufacturers UCC3941-ADJ Datasheet HTML 10Page - List of Unclassifed Manufacturers UCC3941-ADJ Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
UCC2941-3/-5/-ADJ
UCC3941-3/-5/-ADJ
Figure 10. Pseudo continuous mode operation.
VOUT RIPPLE
20mV/DIV
IINDUCTOR CURRENT
0.2A/DIV
L = 22 H
C = 100 F
CVGD = 22 H
RPL = 6
VIN = 1.25
IOUT = 100mA
20 s/DIV
Figure 9. Dual output example.
APPLICATION INFORMATION (cont.)
T1:
VOUT is service and inductor current goes continuous.
T2:
VGD is serviced with discontinuous operation and reaches 1st threshold (7.5V).
T3:
VOUT requires servicing so since VGD has at least reached its first threshold of 7.5V the VOUT has priority.
T4:
VOUT is satisfied and VGD is serviced until 2nd threshold is reached.
T5:
Both outputs are satisfied.


Similar Part No. - UCC3941-ADJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC3941-ADJ TI1-UCC3941-ADJ Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
More results

Similar Description - UCC3941-ADJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com