Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14076BD Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14076BD
Description  4-Bit D-Type Register with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14076BD Datasheet(HTML) 5 Page - ON Semiconductor

  MC14076BD Datasheet HTML 1Page - ON Semiconductor MC14076BD Datasheet HTML 2Page - ON Semiconductor MC14076BD Datasheet HTML 3Page - ON Semiconductor MC14076BD Datasheet HTML 4Page - ON Semiconductor MC14076BD Datasheet HTML 5Page - ON Semiconductor MC14076BD Datasheet HTML 6Page - ON Semiconductor MC14076BD Datasheet HTML 7Page - ON Semiconductor MC14076BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14076B
http://onsemi.com
5
Figure 1. Timing Diagram
INPUT RISE AND FALL 20 ns
D
INPUT
INFORMATION
VDD
VSS
VSS
VOH
VOL
VDD
Q
OUTPUT
90%
50%
10%
tsu
th
tsu
th
20 ns
90%
10%
50%
90%
10%
tTLH
tPHL
tTHL
50%
tWH
tWL
fcl
RESET = 0
DATA DISABLE A AND B = 0
OUTPUT DISABLE A AND B = 0
Figure 2. Three–State Propagation Delay
Waveshape and Circuit
MC14076B
OTHER
INPUTS
OUTPUT
DISABLE
A OR B
ANY Q
OUTPUT
RL = 1 kΩ
CL
VDD FOR tPLZ AND tPZL
VSS FOR tPHZ AND tPZH
OUTPUT
DISABLE
A OR B
ANY Q
OUTPUT
ANY Q
OUTPUT
20 ns
20 ns
VDD
VSS
VOH
90%
50%
50%
10%
tPLZ
tPZL
90%
tPZH
tPHZ
90%
10%
10%
≈ 2.5 V @ VDD = 5 V,
10 V, AND 15 V
≈ 2 V @ VDD = 5 V
≈ 6 V @ VDD = 10 V
≈ 10 V @ VDD = 15 V
VOL
OUTPUTS
CONNECTED
OUTPUTS
DISCONNECTED
OUTPUTS
CONNECTED
tPLH
EQUIVALENT
FUNCTIONAL BLOCK DIAGRAM
OUTPUT DISABLE A
OUTPUT DISABLE B
D0
1
2
14
DATA DISABLE A
DATA DISABLE B
9
10
D1 13
CLOCK
7
D2 12
D3
11
RESET 15
6Q3
5Q2
4Q1
3Q0
DQ
R
C
Q
DQ
R
C
Q
DQ
R
C
Q
DQ
R
C
Q


Similar Part No. - MC14076BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14076BD ONSEMI-MC14076BD Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076BDG ONSEMI-MC14076BDG Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076BDG ONSEMI-MC14076BDG Datasheet
112Kb / 7P
   4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
MC14076BDR2 ONSEMI-MC14076BDR2 Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076BDR2G ONSEMI-MC14076BDR2G Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
More results

Similar Description - MC14076BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B_05 Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076B ONSEMI-MC14076B_14 Datasheet
112Kb / 7P
   4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
   4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
   4-bit D-type Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
HD74LS670 HITACHI-HD74LS670 Datasheet
102Kb / 7P
   4-by-4 Register File(with three-state outputs)
logo
List of Unclassifed Man...
AM29LS18 ETC1-AM29LS18 Datasheet
291Kb / 6P
   QUAD D REGISTER WITH STANDARD AND THREE-STATE OUTPUTS
logo
National Semiconductor ...
DM74LS395 NSC-DM74LS395 Datasheet
106Kb / 6P
   4-Bit Shift Register with TRI-STATE Outputs
54LS295A NSC-54LS295A Datasheet
117Kb / 4P
   4-BIT SHIFT REGISTER WITH TRI-STATE OUTPUTS
logo
Motorola, Inc
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com