Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-701G-K0200 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-701G-K0200
Description  17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-701G-K0200 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HDSP-701G-K0200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-701G-K0200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-701G-K0200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-701G-K0200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-701G-K0200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-701G-K0200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-701G-K0200 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Contrast Enhancement
For information on contrast
enhancement, please see
Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl
ketone, etc.) and from the
chlorinated hydrocarbon family
(methylene chloride, trichloro-
ethylene, carbon tetrachloride,
etc.) are not recommended for
cleaning LED parts. All of these
various solvents attack or dissolve
the encapsulating epoxies used
to form the package of plastic
LED parts.
For information on soldering
LEDs, please refer to Application
Note 1027.
Device Reliability
For reliability information, please
see the reliability datasheet
17.3 mm General Purpose
5 x 7 Dot Matrix Alphanumeric
Displays.
Dominant Wavelength (nm)
Color
Bin
Min.
Max.
Green
2
573.6
576.5
3
570.6
573.5
4
567.6
570.5
5
564.5
567.5
Note:
All categories are established for classification of products. Products
may not be available in all categories. Please contact your local
Agilent representatives for further clarification/information.
Color Bin Limits (Dominant Wavelength)
Bin name
Min.[2]
Max.[2]
H
0.96
1.44
I
1.44
2.15
J
2.15
3.23
K
3.23
4.85
L
4.85
7.28
Notes:
1. Bin categories are established for classification of products.
Products may not be available in all bin categories.
2. Tolerance for each intensity bin limit is
± 10%.
Green
Intensity Bin Limits[1]
(mcd at 50 mA, 20% Duty Factor)
High Efficiency Red
Bin name
Min.[2]
Max.[2]
E
1.289
1.934
F
1.934
2.900
G
2.900
4.350
H
4.350
6.525
(mcd at 10 mA, 20% Duty Factor)
AlGaAs
Bin name
Min.[2]
Max.[2]
I
1.55
2.33
J
2.33
3.49
Notes:
1. Bin categories are established for classification of products.
Products may not be available in all bin categories.
2. Tolerance for each intensity bin limit is
± 10%.
6


Similar Part No. - HDSP-701G-K0200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-701G AVAGO-HDSP-701G Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-701G-K0200

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com