Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2857 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N2857
Description  Small Signal NPN Transistors / Dual Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2857 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N2857 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Small Signal NPN Transistors
TO-72 Case
69
www.centralsemi.com
Dual Transistors
TO-71 Case
PD @ TA=25
oC=360mW Total (Both Die Equal Power)
TYPENO.
DESCRIPTION
VCBO VCEO VEBO ICBO @VCB
hFE
@ IC @ VCE VCE (SAT) @ IC
fT
Cob
(V)
(V)
(V)
(
µµA)
(V)
(mA)
(V)
(V)
(mA)
(MHz)
*Ccb
(pF)
MIN
MIN
MIN
MAX
MIN
MAX
MAX
MIN
MAX
2N917
RF/IF OSCILLATOR
30
15
3.0
0.001
15
20
- -
3.0
1.0
0.5
3.0
500
1.7
2N917A
RF/IF OSCILLATOR
30
15
3.0
- -
- -
20
200
3.0
10
- -
- -
600
1.7
2N918
RF/IF OSCILLATOR
30
15
3.0
0.01
15
20
- -
3.0
1.0
0.4
10
600
1.7
2N998
DARLINGTON
100
60
15
0.01
90
1,600 8,000
10
5.0
1.8
100
60
30
2N2857
VHF/UHF OSC
30
15
2.5
0.01
15
30
150
3.0
1.0
- -
- -
1,000
1.0*
2N2865
RF/IF OSCILLATOR
25
13
3.0
0.01
15
20
200
4.0
10
0.4
10
600
2.5
2N3478
VHF/UHF LOW NOISE
30
15
2.0
0.02
1.0
25
150
2.0
8.0
- -
- -
750
1.0*
2N3839
VHF/UHF AMPL/OSC
30
15
2.5
0.01
15
30
150
3.0
1.0
- -
- -
1,000
1.0*
2N5179
VHF/UHF AMPL/OSC
20
12
2.5
0.02
15
25
250
3.0
1.0
0.4
10
900
1.0*
BFY90
VHF/UHF AMPL/OSC
30
15
2.5
0.01
15
20
125
25
1.0
- -
- -
1,000
1.5*
Shaded areas indicate Darlington.
TYPENO.
DESCRIPTION
VCBO VCEO VEBO ICBO @VCB
hFE
@ IC @ VCE VCE (SAT) @ IC
MATCHING
(V)
(V)
(V)
(nA)
(V)
(mA)
(V)
(V)
(mA)
hFE
VBE
MIN
MIN
MIN
MAX
MIN
MAX
MAX
%
(mV)
CEN741
NPN LOW NOISE
45
45
6.0
10
45
150
600
0.01
5.0
0.35
1.0
20
5.0
CEN832
PNP LOW NOISE
60
60
5.0
10
50
150
450
1.0
5.0
0.25
1.0
20
5.0


Similar Part No. - 2N2857

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2857 SEME-LAB-2N2857 Datasheet
13Kb / 2P
   NPN TRANSISTOR
logo
List of Unclassifed Man...
2N2857 ETC1-2N2857 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
Semicoa Semiconductor
2N2857 SEMICOA-2N2857 Datasheet
30Kb / 1P
   Chip Type 2C2857 Geometry 0011 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
logo
Microsemi Corporation
2N2857 MICROSEMI-2N2857 Datasheet
85Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - 2N2857

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4124 GE-2N4124 Datasheet
210Kb / 5P
   Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
   Small Signal Transistors (NPN)
2N3904 GE-2N3904 Datasheet
112Kb / 3P
   SMALL SIGNAL TRANSISTORS NPN
BC546 GE-BC546 Datasheet
263Kb / 6P
   Small Signal Transistors (NPN)
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
June 1997
logo
Micro Commercial Compon...
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
   NPN Small Signal Transistors
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
   NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
   NPN Small Signal Transistors
logo
General Semiconductor
MMBT3904 GE-MMBT3904 Datasheet
136Kb / 3P
   Small Signal Transistors (NPN)
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
   SMALL SIGNAL TRANSISTORS (NPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com