Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4384 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # Q67040-S4384
Description  Fast Switching EmCon Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4384 Datasheet(HTML) 8 Page - Infineon Technologies AG

  Q67040-S4384 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4384 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4384 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4384 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4384 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4384 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4384 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4384 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4384 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2003-07-31
Rev.2
Page 8
IDP09E120
IDB09E120
symbol
[mm]
[inch]
min
max
min
max
A
9.80
10.00
0.3858
0.3937
B
C
1.25
1.75
0.0492
0.0689
D
0.95
1.15
0.0374
0.0453
E
F
0.72
0.85
0.0283
0.0335
G
H
4.30
4.50
0.1693
0.1772
K
1.28
1.40
0.0504
0.0551
L
9.00
9.40
0.3543
0.3701
M
2.30
2.50
0.0906
0.0984
N
P
0.00
0.20
0.0000
0.0079
Q
3.30
3.90
0.1299
0.1535
R
S
1.70
2.50
0.0669
0.0984
T
0.50
0.65
0.0197
0.0256
U
V
W
X
Y
Z
9.40 typ.
0.3701 typ.
16.15 typ.
0.6358 typ.
6.43 typ.
0.2532 typ.
4.60 typ.
0.1811 typ.
10.8 typ.
0.4252 typ.
1.35 typ.
0.0532 typ.
14.1 typ.
0.5551 typ.
8° max
8° max
dimensions
2.54 typ.
0.1 typ.
5.08 typ.
0.2 typ.
1.3 typ.
0.0512 typ.
TO-220-3-45 (P-TO220SMD)


Similar Part No. - Q67040-S4384

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4380 INFINEON-Q67040-S4380 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
Q67040-S4381 INFINEON-Q67040-S4381 Datasheet
183Kb / 8P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
Q67040-S4383 INFINEON-Q67040-S4383 Datasheet
211Kb / 9P
   Fast Switching EmCon Diode
2001-12-12
Q67040-S4385 INFINEON-Q67040-S4385 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
Q67040-S4387 INFINEON-Q67040-S4387 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
More results

Similar Description - Q67040-S4384

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com