Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4493 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67040-S4493
Description  Fast Switching EmCon Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4493 Datasheet(HTML) 7 Page - Infineon Technologies AG

  Q67040-S4493 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4493 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4493 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4493 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4493 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4493 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4493 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4493 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4493 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2003-07-31
Rev.2
Page 7
IDP18E120
IDB18E120
TO-220-2-2
symbol
[mm]
[inch]
min
max
min
max
A
9.70
10.10
0.3819
0.3976
B
15.30
15.90
0.6024
0.6260
C
0.65
0.85
0.0256
0.0335
D
3.55
3.85
0.1398
0.1516
E
2.60
3.00
0.1024
0.1181
F
9.00
9.40
0.3543
0.3701
G
13.00
14.00
0.5118
0.5512
H
17.20
17.80
0.6772
0.7008
J
4.40
4.80
0.1732
0.1890
K
0.40
0.60
0.0157
0.0236
L
M
N
P
1.10
1.40
0.0433
0.0551
T
U
V
W
X
0.00
0.40
0.0000
0.0157
0.26 typ.
6.6 typ.
0.51 typ.
13.0 typ.
7.5 typ.
0.295 typ.
2.4 typ.
0.095 typ.
4.4 typ.
0.173 typ.
2.54 typ.
0.1 typ.
dimensions
0.41 typ.
1.05 typ.
A
U
V
W
G
M
T
J
F
L
X
P
D
C
K
N
B
H
E


Similar Part No. - Q67040-S4493

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4490 INFINEON-Q67040-S4490 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
Q67040-S4498 INFINEON-Q67040-S4498 Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
Q67040-S4499 INFINEON-Q67040-S4499 Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
More results

Similar Description - Q67040-S4493

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
   Fast Switching EmCon Diode
2001-12-05
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
   Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
   Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com