Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37281EKSP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M37281EKSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37281EKSP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M37281EKSP Datasheet HTML 1Page - Renesas Technology Corp M37281EKSP Datasheet HTML 2Page - Renesas Technology Corp M37281EKSP Datasheet HTML 3Page - Renesas Technology Corp M37281EKSP Datasheet HTML 4Page - Renesas Technology Corp M37281EKSP Datasheet HTML 5Page - Renesas Technology Corp M37281EKSP Datasheet HTML 6Page - Renesas Technology Corp M37281EKSP Datasheet HTML 7Page - Renesas Technology Corp M37281EKSP Datasheet HTML 8Page - Renesas Technology Corp M37281EKSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 172 page
background image
Rev.1.01
2003.07.16
page 5 of 170
M37281MAH–XXXSP,M37281MFH–XXXSP,M37281MKH–XXXSP, M37281EKSP
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output
ports
Serial I/O
Multi-master I2C-BUS interface
A-D converter
PWM output circuit
Timers
ROM correction function
Subroutine nesting
Interrupt
Clock generating circuit
Data slicer
ROM
RAM
OSD ROM (character font)
OSD ROM (color dot font)
OSD RAM (SPRITE)
OSD RAM (character)
P00–P02, P04–P07
P03
P10, P15–P17
P11–P14
P2
P30, P31
P40–P44
P45, P46
P52–P55
P63
P64
P70–P72
I/O
I/O
I/O
I/O
I/O
I/O
Input
Input
Output
Input
Input
Input
71
0.5
µs (the minimum instruction execution time, at 8 MHz oscillation fre-
quency)
8 MHz (maximum)
40K bytes
60K bytes
80K bytes
1088 bytes (ROM correction memory included)
1536 bytes (ROM correction memory included)
20400 bytes
9672 bytes
120 bytes
1536 bytes
7-bit ✕ 1 (N-channel open-drain output structure, can be used as PWM
output pins)
1-bit ✕ 1 (CMOS input/output structure, can be used as PWM output pin)
4-bit ✕ 1 (CMOS input/output structure, can be used as OSD output pin,
INT input pin, serial input pin)
4-bit ✕ 1 (N-channel open-drain output structure, can be used as multi-
master I2C-BUS interface)
8-bit ✕ 1 (CMOS input/output structure, can be used as A-D input pins)
2-bit ✕ 1 (CMOS input/output structure, can be used as A-D input pins)
5-bit ✕ 1 (can be used as A-D input pins, INT input pins, external clock input
pins for timer)
2-bit ✕ 1 (N-channel open-drain output structure when serial I/O is used,
can be used as serial I/O pins)
4-bit ✕ 1 (CMOS output structure, can be used as OSD output pins)
1-bit ✕ 1 (can be used as sub-clock input pin, OSD clock input pin)
1-bit ✕ 1 (CMOS output structure when LC is oscillating, can be used as
sub-clock output pin, OSD clock output pin)
3-bit ✕ 1 (can be used as data slicer input/output, serial input pin)
8-bit ✕ 1
1 (2 systems)
8 channels (8-bit resolution)
8-bit ✕ 8
8-bit timer ✕ 6
2 vectors
128 levels (maximum)
<19 types>
INT external interrupt ✕ 3, Internal timer interrupt ✕ 6, Serial I/O interrupt ✕
1, OSD interrupt ✕ 1, Multi-master I2C-BUS interface interrupt ✕ 1,
Data slicer interrupt ✕ 1, f(XIN)/4096 interrupt ✕ 1, SPRITE OSD interrupt ✕
1, VSYNC interrupt ✕ 1, A-D conversion interrupt ✕ 1, BRK instruction inter-
rupt ✕ 1, Reset ✕ 1
2 built-in circuits (externally connected to a ceramic resonator or a quartz-
crystal oscillator)
Built in
Parameter
6. PERFORMANCE OVERVIEW
M37281MAH-XXXSP
M37281MFH-XXXSP
M37281MKH-XXXSP, M37281EKSP
M37281MAH-XXXSP,M37281MFH-XXXSP
M37281MKH-XXXSP, M37281EKSP
Table 6.1 Performance Overview
Functions


Similar Part No. - M37281EKSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37280EKSP MITSUBISHI-M37280EKSP Datasheet
1Mb / 178P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M37280EKSP RENESAS-M37280EKSP Datasheet
1Mb / 171P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37280EKSP RENESAS-M37280EKSP Datasheet
1Mb / 179P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37280MF MITSUBISHI-M37280MF Datasheet
1Mb / 178P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37280MF-171SP MITSUBISHI-M37280MF-171SP Datasheet
1Mb / 178P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results

Similar Description - M37281EKSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com