Electronic Components Datasheet Search |
|
HDSP-713G-0I200 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HDSP-713G-0I200 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 7 page 4 Notes: 1. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Typical specification for reference only. Do not exceed absolute maximum ratings. AlGaAs Devices Test HDSP- Parameter Symbol Min. Typ. Max. Units Conditions Luminous Intensity/Dot IV 1.55 2.10 mcd IF = 10 mA, (Digit Average)[1] 20% Duty Factor Peak Wavelength PEAK 660 nm IF = 20 mA Dominant Wavelength[2] d 643 nm IF = 20 mA Forward Voltage VF 1.8 2.0 V IF = 20 mA 2.0 IF = 10 mA 1.5 IF = 5 mA Reverse Voltage[3] VR 5V IR = 100 µA Luminous Intensity V-M 1.5:1 IF = 10 mA Matching Ratio 20% Duty Factor 701A 711A 703A 713A Optical/Electrical Characteristics at TA = 25°C, continued Green Devices Test HDSP- Parameter Symbol Min. Typ. Max. Units Conditions Luminous Intensity/Dot IV 0.96 2.50 mcd IF = 50 mA, (Digit Average)[1] 20% Duty Factor Peak Wavelength PEAK 568 nm IF = 20 mA Dominant Wavelength[2] d 573 nm IF = 20 mA Forward Voltage VF 3.40 V IF = 50 mA 1.80 2.25 2.60 IF = 20 mA 1.60 IF = 5 mA Reverse Voltage[3] VR 5V IR = 100 µA Luminous Intensity V-M 2:1 IF = 50 mA Matching Ratio 20% Duty Factor 701G 711G 703G 713G |
Similar Part No. - HDSP-713G-0I200 |
|
Similar Description - HDSP-713G-0I200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |