Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128K64V-20G4WM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WS128K64V-20G4WM
Description  128Kx64 3.3V SRAM MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS128K64V-20G4WM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WS128K64V-20G4WM Datasheet HTML 1Page - List of Unclassifed Manufacturers WS128K64V-20G4WM Datasheet HTML 2Page - List of Unclassifed Manufacturers WS128K64V-20G4WM Datasheet HTML 3Page - List of Unclassifed Manufacturers WS128K64V-20G4WM Datasheet HTML 4Page - List of Unclassifed Manufacturers WS128K64V-20G4WM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
White Microelectronics • Phoenix, AZ • (602) 437-1520
5
WS128K64V-XG4WX
DEVICE GRADE:
M = Military Screened -55
°C to +125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0
°C to + 70°C
PACKAGE TYPE:
G4W = 116 Lead 40mm Ceramic Quad Flat Pack, CQFP (Package 504)
ACCESS TIME (ns)
Low Voltage Supply 3.3V
± 10%
ORGANIZATION, 128K x 64
User configurable as 256K x 32, 512K x 16 and 1M x 8
SRAM
WHITE MICROELECTRONICS
ORDERING INFORMATION
PACKAGE 504: 116 LEAD, CERAMIC QUAD FLAT PACK, CQFP (G4W)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
38 (1.50) REF
4 PLACES
0.38 (0.015)
± 0.08 (0.003)
68 PLACES
1.27 (0.050)
REF
5.1 (0.200)
± 0.25 (0.010)
4 PLACES
39.6 (1.56)
± 0.38 (0.015) SQ
12.7 (0.500)
± 0.5 (0.020)
4 PLACES
5.1 (0.200) MAX
0.25 (0.010)
± 0.05 (0.002)
1.27 (0.050)
± 0.1 (0.005)
PIN 1 IDENTIFIER
Pin 1
W S 128K64 V - XXX G4W X


Similar Part No. - WS128K64V-20G4WM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XG2LX MICROSEMI-WS128K32-XG2LX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
logo
Microsemi Corporation
WS128K32-XG2UX MICROSEMI-WS128K32-XG2UX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XG4TX MICROSEMI-WS128K32-XG4TX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XH1X MICROSEMI-WS128K32-XH1X Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results

Similar Description - WS128K64V-20G4WM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS128K48V-15G4 ETC-WS128K48V-15G4 Datasheet
151Kb / 5P
   128Kx48 3.3V SRAM MODULE
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
Hanbit Electronics Co.,...
HMS1M32M8V HANBIT-HMS1M32M8V Datasheet
193Kb / 9P
   SRAM MODULE 4Mbyte(1M x 32-Bit) 3.3V
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com