Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB13035 Datasheet(PDF) 2 Page - Schneider Electric

Part # QOB13035
Description  Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOB13035 Datasheet(HTML) 2 Page - Schneider Electric

  QOB13035 Datasheet HTML 1Page - Schneider Electric QOB13035 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering and shipping details
Category
00015-QOB CIRCUIT BREAKERS
Discount Schedule
DE2
GTIN
00785901487838
Package weight(Lbs)
5.12 oz (145.150 g)
Returnability
No
Country of origin
MX
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
Halogen content performance
Halogen free product
Contractual warranty
Warranty
18 months
2


Similar Part No. - QOB13035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB130 SCHNEIDER-QOB130 Datasheet
106Kb / 3P
   QO mini breaker, 30 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB1301021 SCHNEIDER-QOB1301021 Datasheet
125Kb / 2P
   Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1301042 SCHNEIDER-QOB1301042 Datasheet
118Kb / 2P
   Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1301200 SCHNEIDER-QOB1301200 Datasheet
114Kb / 2P
   Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB1301201 SCHNEIDER-QOB1301201 Datasheet
113Kb / 2P
   Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
More results

Similar Description - QOB13035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB11035 SCHNEIDER-QOB11035 Datasheet
113Kb / 2P
   Mini CB, QO, 10 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB130VH35 SCHNEIDER-QOB130VH35 Datasheet
106Kb / 2P
   Mini CB, QO, 30 A, 1P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB135 SCHNEIDER-QOB135 Datasheet
125Kb / 3P
   Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB12035 SCHNEIDER-QOB12035 Datasheet
113Kb / 2P
   Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB11535 SCHNEIDER-QOB11535 Datasheet
115Kb / 2P
   Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB12535 SCHNEIDER-QOB12535 Datasheet
58Kb / 2P
   Mini CB, QO, 25 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB14035 SCHNEIDER-QOB14035 Datasheet
58Kb / 2P
   Mini CB, QO, 40 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB14535 SCHNEIDER-QOB14535 Datasheet
102Kb / 2P
   Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB13535 SCHNEIDER-QOB13535 Datasheet
110Kb / 2P
   Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB15035 SCHNEIDER-QOB15035 Datasheet
57Kb / 2P
   Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com