Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QOB13535 Datasheet(HTML) 1 Page - Schneider Electric

Part No. QOB13535
Description  Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

QOB13535 Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
Product data sheet
Characteristics
QOB13535
Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on,
50Deg
Price** : 47.70 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
35 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Bolt-on
Number of Poles
1P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
1
Wire Size
AWG 8...AWG 2 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
79.25 mm (3.12 in)
Depth
73.91 mm (2.91 in)
Width
19.05 mm (0.75 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
122 °F (50 °C)
Dec 30, 2019
1


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn