Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB212535 Datasheet(PDF) 1 Page - Schneider Electric

Part # QOB212535
Description  Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QOB212535 Datasheet(HTML) 1 Page - Schneider Electric

  QOB212535 Datasheet HTML 1Page - Schneider Electric QOB212535 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QOB212535
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Bolt
on, 50Deg
Price** : 602.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Bolt-on
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
Number of Panel Spaces
2
Wire Size
AWG 4...AWG 2/0 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
122 °F (50 °C)
Dec 30, 2019
1


Similar Part No. - QOB212535

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB2125 SCHNEIDER-QOB2125 Datasheet
132Kb / 3P
   QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB21251021 SCHNEIDER-QOB21251021 Datasheet
135Kb / 2P
   Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB21251042 SCHNEIDER-QOB21251042 Datasheet
124Kb / 2P
   Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB21251201 SCHNEIDER-QOB21251201 Datasheet
56Kb / 2P
   Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
QOB21252100 SCHNEIDER-QOB21252100 Datasheet
137Kb / 2P
   Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Bolt on, Alarm Switch
More results

Similar Description - QOB212535

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB21035 SCHNEIDER-QOB21035 Datasheet
132Kb / 2P
   Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB220H35 SCHNEIDER-QOB220H35 Datasheet
124Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB24535 SCHNEIDER-QOB24535 Datasheet
57Kb / 2P
   Mini CB, QO, 45 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB24035 SCHNEIDER-QOB24035 Datasheet
123Kb / 2P
   Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB28035 SCHNEIDER-QOB28035 Datasheet
115Kb / 2P
   Mini CB, QO, 80 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB22535 SCHNEIDER-QOB22535 Datasheet
132Kb / 2P
   Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB23535 SCHNEIDER-QOB23535 Datasheet
123Kb / 2P
   Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB27035 SCHNEIDER-QOB27035 Datasheet
116Kb / 2P
   Mini CB, QO, 70 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB25035 SCHNEIDER-QOB25035 Datasheet
123Kb / 2P
   Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB26035 SCHNEIDER-QOB26035 Datasheet
123Kb / 2P
   Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com