Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HRL30 Datasheet(HTML) 4 Page - XP Power Limited

Part No. HRL30
Description  DC-HVDC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

HRL30 Datasheet(HTML) 4 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
HRL30 Series
www.xppower.com
DC-HVDC Converter
4
1. All dimensions are in inches (mm)
2. Weight: 0.26 lbs (120 g) approx
3. Tolerance: X.XX±0.02 (0.51)
4. Pin Tolerance: ±0.005 (0.127)
Notes
Standard
TOP VIEW
BOTTOM VIEW
RECOMMENDED
PCB LAYOUT
TOP VIEW
HRL3024Sxxxx
INPUT:24 VDC
OUTPUT: 0 TO +
VDC
xxxx mA 30 W
R
R
Q
xxxx
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
HVOUT
HVRTN
N/C
DISABLE
VREF
SGND
VPGM
VMON
I
PGM
I
MON
-VIN
N/C
N/C
+VIN
(13)
(14)
Mechanical Details


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn