Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBM2016T2R2J8 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBM2016T2R2J8
Description  Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBM2016T2R2J8 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LBM2016T2R2J8 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBM2016T2R2J8 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBM2016T2R2J8 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T2R2J8
Features
Item Summary
2.2uH±5%, 0.34A, 0806/2016 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
Inductance
2.2 uH ± 5 %
Case Size (EIA/JIS)
0806/2016
Rated Current (max)
0.34 A
DC Resistance (max)
0.702 Ω
DC Resistance (typ)
0.54 Ω
Q (min)
30
LQ Measuring Frequency
7.96 MHz
Self Resonant Frequency (min)
75 MHz
Operating Temp. Range
-40 to +105 ℃
(Including-self-generated heat)
Temperature characteristic
± 5 %
(Inductance change)
RoHS Compliance (10 subst.)
Yes
REACH Compliance (201 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.0 ±0.2 mm
Dimension W
1.6 ±0.2 mm
Dimension T
1.6 ±0.2 mm
Dimension e
0.5 ±0.2 mm
2020.01.07
1 / 1


Similar Part No. - LBM2016T2R2J8

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016T2R2J TAIYO-YUDEN-LBM2016T2R2J Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LBM2016T2R2J TAIYO-YUDEN-LBM2016T2R2J Datasheet
627Kb / 12P
   WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
LBM2016T2R2J TAIYO-YUDEN-LBM2016T2R2J Datasheet
280Kb / 3P
   Wire-wound Chip Inductors for Signal Lines (LB series M type)
LBM2016T2R2JV TAIYO-YUDEN-LBM2016T2R2JV Datasheet
143Kb / 1P
   Signal Lines Wire-wound Chip Inductors for Automotive
LBM2016T2R2JV TAIYO-YUDEN-LBM2016T2R2JV Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Medical / Industrial Applications (LB series M type)
More results

Similar Description - LBM2016T2R2J8

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBM2016TR56J8 TAIYO-YUDEN-LBM2016TR56J8 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016TR82J8 TAIYO-YUDEN-LBM2016TR82J8 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T180J8 TAIYO-YUDEN-LBM2016T180J8 Datasheet
288Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016TR47J8 TAIYO-YUDEN-LBM2016TR47J8 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T5R6J8 TAIYO-YUDEN-LBM2016T5R6J8 Datasheet
288Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T100J8 TAIYO-YUDEN-LBM2016T100J8 Datasheet
288Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016TR15J8 TAIYO-YUDEN-LBM2016TR15J8 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016TR33J8 TAIYO-YUDEN-LBM2016TR33J8 Datasheet
290Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T1R8J8 TAIYO-YUDEN-LBM2016T1R8J8 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T3R9J8 TAIYO-YUDEN-LBM2016T3R9J8 Datasheet
289Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
LBM2016T390J8 TAIYO-YUDEN-LBM2016T390J8 Datasheet
288Kb / 3P
   Signal Lines Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series M type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com