Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR1732SC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DDR1732SC
Description  Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1732SC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DDR1732SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1732SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DDR1732SC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2020 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
OVERVIEW
UPC Code
037332248893
PHYSICAL
Color
Black
Degrees of Motion
-10/+10 Tilt and Swivel; 360 Rotate
Material of Construction
Steel
Maximum Screen Size (cm)
81.28
Maximum Screen Size (in.)
32
Maximum Weight Capacity (kg)
8
Maximum Weight Capacity (lbs.)
17.6
Minimum Screen Size (cm)
43.18
Minimum Screen Size (in.)
17
Motion
Swivel; Tilt
Mounting Location
Desk Clamp
Number of Displays
1
Shipping Dimensions (hwd / cm)
40.64 x 12.95 x 8.89
Shipping Dimensions (hwd / in.)
16.00 x 5.10 x 3.50
Shipping Weight (kg)
2.31
Shipping Weight (lbs.)
5.10
Unit Dimensions (hwd / cm)
53.0 x 15.0 x 11.6
Unit Dimensions (hwd / in.)
20.09 X 5.9 X 4.6
Unit Weight (kg)
7.98
Unit Weight (lbs.)
17.6
VESA Pattern (mm)
100x100; 75x75
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
Yes
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 3


Similar Part No. - DDR1732SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1732SAL TRIPPLITE-DDR1732SAL Datasheet
174Kb / 2P
   Single-Display Flex-Arm Desktop Clamp for 13??to 34??Displays - USB and Audio Ports, Aluminum
More results

Similar Description - DDR1732SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1727DC TRIPPLITE-DDR1727DC Datasheet
166Kb / 2P
   Dual-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 27??Monitors
DDV1727S TRIPPLITE-DDV1727S Datasheet
161Kb / 2P
   Single-Display Monitor Stand - Height Adjustable, 17??to 27??Monitors
DDR1732DAL TRIPPLITE-DDR1732DAL Datasheet
179Kb / 2P
   Dual-Display Flex-Arm Mount for 13??to 34??Monitors - Clamp or Grommet, USB, Audio Ports
DMCS1732S TRIPPLITE-DMCS1732S Datasheet
158Kb / 3P
   Mobile Workstation with Monitor Mount - For 17" to 32" Displays, Height Adjustable
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
   WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWSSRDSTC TRIPPLITE-WWSSRDSTC Datasheet
162Kb / 2P
   Rolling Desk TV/Monitor Cart - Height Adjustable
DDR1327NBMSC TRIPPLITE-DDR1327NBMSC Datasheet
515Kb / 2P
   Full Motion Dual Desk Clamp for 13 to 27" monitors and laptops up to 15"||" "696120
Full-Motion Desk Mount for 13" to 27" Flat-Screen
logo
List of Unclassifed Man...
RCM-17 ETC2-RCM-17 Datasheet
269Kb / 2P
   Compact 17??rack mount display monitor with 8U height
logo
Tripp Lite. All Rights ...
DDR1730TAL TRIPPLITE-DDR1730TAL Datasheet
182Kb / 2P
   Triple-Display Flex-Arm Desktop Clamp for 17??to 30??Flat-Screen Displays - USB and Audio Ports, Aluminum
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
   Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com