Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-711G-HL200 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-711G-HL200
Description  17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-711G-HL200 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-711G-HL200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-711G-HL200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-711G-HL200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-711G-HL200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-711G-HL200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-711G-HL200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-711G-HL200 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
17.3 mm (0.68 inch) General
Purpose 5 x 7 Dot Matrix
Alphanumeric Displays
Technical Data
HDSP-70xE Series
HDSP-71xE Series
HDSP-70xG Series
HDSP-71xG Series
HDSP-70xA Series
HDSP-71xA Series
Features
• 5 x 7 Dot Matrix Font
• Viewable up to 12 Meters
• X-Y Stackable
• Industry Standard Pin-out
7.6 mm (0.3 in.) Dual-in-line
(DIP) Leads on 2.54 mm
(0.1 in.) Centers
• Choice of Colors
Red or Green or AlGaAs
• Choice of Face Paint Colors
Gray or Black
• Design Flexibility
Common Row Anode or
Common Row Cathode
• Categorized for Luminous
Intensity
• Green Categorized for Color
Applications
• Suitable for Indoor Use
• Not Recommended for
Industrial Applications, i.e.
Operating Temperatures
Requirements Exceeding
85
°C or Below -35°C[1]
• Extreme Temperature
Cycling Not Recommended[2]
Description
These displays have a 17.3 mm
(0.68 inch) character height
and use industry standard size
and pin-out. The devices are
available in either common row
anode or common row cathode
configurations. The displays
come in either gray or black
face paint and are available in
a choice of high efficiency red
(HER) or green colors or AlGaAs.
Devices
HER HDSP-
Green HDSP-
AlGaAs HDSP-
Description
701E
701G
701A
17.3 mm Gray Surface Common Row Anode
703E
703G
703A
17.3 mm Gray Surface Common Row Cathode
711E
711G
711A
17.3 mm Black Surface Common Row Anode
713E
713G
713A
17.3 mm Black Surface Common Row Cathode
Notes:
1. For details, please contact your local Agilent components sales office or an authorized distributor.
These parts are subjected to
Outgoing Quality Assurance
(OQA) inspection with an AQL of
0.065% for functional and visual/
cosmetic defects.
For optimal intensity
performance, please consider our
industrial grade displays:
• HDSP-L20x
• HDSP-540x
• HDSP-L10x


Similar Part No. - HDSP-711G-HL200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-711G AVAGO-HDSP-711G Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results

Similar Description - HDSP-711G-HL200

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com