Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NBN8-F1-E0-V3 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

Part No. NBN8-F1-E0-V3
Description  Inductive sensor
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PF [Pepperl+Fuchs Inc.]
Homepage  https://www.pepperl-fuchs.com/
Logo 

NBN8-F1-E0-V3 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 1 page
background image
1
Inductive sensor
NBN8-F1-E0-V3
Germany: +49 621 776-4411
Subject to modifications without notice
Pepperl+Fuchs Group
fa-info@pepperl-fuchs.com
www.pepperl-fuchs.com
USA: +1 330 486 0001
fa-info@us.pepperl-fuchs.com
Singapore: +65 6779 9091
fa-info@sg.pepperl-fuchs.com
Copyright Pepperl+Fuchs
Dimensions
Technical Data
General specifications
Switching element function
NPN
NO
Rated operating distance
sn
8 mm
Installation
not embeddable
Output polarity
DC
Assured operating distance
sa
0 ... 6.48 mm
Reduction factor rAl
0.45
Reduction factor rCu
0.45
Reduction factor r303
0.7
Reduction factor rBrass
0.55
Nominal ratings
Operating voltage
UB
10 ... 30 V DC
Switching frequency
f
0 ... 1400 Hz
Hysteresis
H
typ. 5%
Reverse polarity protected
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 2.5 V
Operating current
IL
0 ... 250 mA
Off-state current
Ir
0 ... 0.01 mA typ. 0.1
µA at 25 °C
No-load supply current
I0
≤ 15 mA
Indication of the switching state
LED, yellow
Functional safety related parameters
MTTFd
1530 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
Device connector M8 x 1 , 3-pin
Housing material
PA
Sensing face
PA
Protection degree
IP67
Tightening torque, fastening screws
Threading M3 max: 1.1 Nm
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
Protection class
II
Rated insulation voltage
Ui
60 V
Design-impulse-voltage withstand Uimp
800 V
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
Products with a maximum operating voltage of
≤36 V do not bear a
CCC marking because they do not require approval.
M3
M3
3.2 x 5
ø 3.2
4 LED
26
4.5
4
12
M8
x 1
Model Number
NBN8-F1-E0-V3
Features
8 mm not embeddable
•3-wire DC
Connection
Pinout
Accessories
V3-WM
Female connector, M8, 3-pin, field attachable
V3-GM
Female connector, M8, 3-pin, field attachable
V3-WM-2M-PUR
Cable socket, M8, 3-pin, PUR cable
V3-GM-2M-PUR
Cable socket, M8, 3-pin, PUR cable
1
L+
L-
4
3
13
4
1
BN
3
BU
4
BK
Wire colors in accordance with EN 60947-5-2
(brown)
(blue)
(black)


Html Pages

1 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn