Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBN30-U4K-N0 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # NBN30-U4K-N0
Description  Inductive sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN30-U4K-N0 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  NBN30-U4K-N0 Datasheet HTML 1Page - Pepperl+Fuchs Inc. NBN30-U4K-N0 Datasheet HTML 2Page - Pepperl+Fuchs Inc. NBN30-U4K-N0 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Inductive sensor
NBN30-U4K-N0
2
Dimensions
Electrical Connection
Equipment protection level Ga
CE marking
0102
ATEX marking
¬
II 1G Ex ia IIC T6…T1 Ga
The Ex-related marking can also be printed on the enclosed label.
Standards
EN 60079-0:2012+A11:2013 EN 60079-11:2012
Ignition protection "Intrinsic safety"
Use is restricted to the following stated conditions
Appropriate type
NBN30-U.K-N0...
Effective internal capacitance
Ci
≤ 105 nF ; a cable length of 10 m is considered.
Effective internal inductance
Li
≤ 300 µH ; a cable length of 10 m is considered.
Ambient temperature
Details of the correlation between the type of circuit connected, the maximum permissible ambient temperature, the
temperature class, and the effective internal reactance values can be found on the EC-type examination certificate.
Note: Use the temperature table for category 1 !!! The 20 % reduction in accordance with EN 1127-1 has already
been applied to the temperature table for category 1.
Equipment protection level Gb
CE marking
0102
ATEX marking
¬
II 1G Ex ia IIC T6…T1 Ga
The Ex-related marking can also be printed on the enclosed label.
Standards
EN 60079-0:2012+A11:2013, EN 60079-11:2012
Ignition protection "Intrinsic safety"
Use is restricted to the following stated conditions
Appropriate type
NBN30-U.K-N0...
Effective internal capacitance
Ci
≤ 105 nF ; a cable length of 10 m is considered.
Effective internal inductance
Li
≤ 300 µH ; a cable length of 10 m is considered.
Maximum permissible ambient temperature Tamb
Details of the correlation between the type of circuit connected, the maximum permissible ambient temperature, the
temperature class, and the effective internal reactance values can be found on the EC-type examination certificate.
60
46
118
LED ye
LED ye
½ NPT”
1
L+
L-
2


Similar Part No. - NBN30-U4K-N0

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NBN30-U4K-N0-V1 PF-NBN30-U4K-N0-V1 Datasheet
266Kb / 3P
   Inductive sensor
More results

Similar Description - NBN30-U4K-N0

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NBB8-18GM50-E2-Y278765 PF-NBB8-18GM50-E2-Y278765 Datasheet
165Kb / 1P
   Inductive sensor
NBN8-12GM50-E2-V1-Y323749 PF-NBN8-12GM50-E2-V1-Y323749 Datasheet
211Kb / 2P
   Inductive sensor
NBN40-U1-E0-M PF-NBN40-U1-E0-M Datasheet
298Kb / 2P
   Inductive sensor
NBN40-U1-E3-M PF-NBN40-U1-E3-M Datasheet
296Kb / 2P
   Inductive sensor
NJ8-18GK-SN-50M PF-NJ8-18GK-SN-50M Datasheet
210Kb / 2P
   Inductive sensor
NBB15-30GM50-E0-M-Y242746 PF-NBB15-30GM50-E0-M-Y242746 Datasheet
260Kb / 2P
   Inductive sensor
NCB2-12GM60-B3-V1 PF-NCB2-12GM60-B3-V1 Datasheet
259Kb / 2P
   Inductive sensor
NCB5-18GM60-B3B-V1 PF-NCB5-18GM60-B3B-V1 Datasheet
292Kb / 3P
   Inductive sensor
NMB6-F104M-E2-FE-200MM-V3 PF-NMB6-F104M-E2-FE-200MM-V3 Datasheet
226Kb / 2P
   Inductive sensor
NJ2-12GM40-E PF-NJ2-12GM40-E Datasheet
134Kb / 1P
   Inductive sensor
NBB2-F29-A2-5M PF-NBB2-F29-A2-5M Datasheet
164Kb / 1P
   Inductive sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com