Electronic Components Datasheet Search |
|
NBN40-L3M-US-C3-V93 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
NBN40-L3M-US-C3-V93 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc. |
1 / 2 page 1 Inductive sensor NBN40-L3M-US-C3-V93 Germany: +49 621 776 4411 Pepperl+Fuchs Group Refer to “General Notes Relating to Pepperl+Fuchs Product Information”. USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com S Model Number NBN40-L3M-US-C3-V93 Features • 40 mm non-flush • 2-corner LED, metal base & mount •2-wire AC/DC •Weld Immune Accessories V93-G-YE2M-STOOW Female cordset, 7/8" - 16 UNF, 3-pin, PUR cable MHW 01 Modular mounting bracket MH 02-L Mounting aid Technical Data General specifications Switching function Normally open (NO) Output type Two-wire Rated operating distance sn 40 mm Installation non-flush Output polarity AC/DC Assured operating distance sa 0 ... 12.96 mm Reduction factor rAl 0.30 - 0.40 Reduction factor r304 0.60 - 0.80 Output type 2-wire Nominal ratings Switching frequency f 2 Hz Hysteresis H 3 ... 15 typ. 10 % Reverse polarity protection reverse polarity protected Short-circuit protection pulsing Voltage drop Ud < 5 V Operating current IL 3 ... 300 mA Off-state current Ir ≤ 1.7 mA No-load supply current I0 ≤ 0.6 mA Operating voltage indicator LED, green Switching state indicator LED, red Indicators/operating means LED red/green Short circuit/overload indication (alternate flashing) Electrical specifications Rated operating voltage Ue 24 ... 250 V DC / 24 ... 230 V AC Operating voltage UB 20 ... 300 V DC / 20 ... 253 V AC Ambient conditions Ambient temperature -25 ... 70 °C (-13 ... 158 °F) Storage temperature -40 ... 85 °C (-40 ... 185 °F) Mechanical specifications Connection type Connector plug 7/8 inch-16 UN , 3-pin Housing material Zinc, PTFE coated Sensing face Thermoset Plastic Housing base Zinc, PTFE coated Degree of protection IP67 Compliance with standards and directives Standard conformity Standards IEC 61000-4 / EN 60947-5-2:2004 Approvals and certificates UL approval cULus Listed, General Purpose CSA approval cCSAus Listed, General Purpose CCC approval Certified by China Compulsory Certification (CCC) Dimensions GN LED RD LED 66 7/8" - 16 UN 2A 60 76 40 46 ø 5.5, 2 x ø 8, 2 x |
Similar Part No. - NBN40-L3M-US-C3-V93 |
|
Similar Description - NBN40-L3M-US-C3-V93 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |