Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4361 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4361
Description  20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4361 Datasheet HTML 4Page - Cirrus Logic CS4361 Datasheet HTML 5Page - Cirrus Logic CS4361 Datasheet HTML 6Page - Cirrus Logic CS4361 Datasheet HTML 7Page - Cirrus Logic CS4361 Datasheet HTML 8Page - Cirrus Logic CS4361 Datasheet HTML 9Page - Cirrus Logic CS4361 Datasheet HTML 10Page - Cirrus Logic CS4361 Datasheet HTML 11Page - Cirrus Logic CS4361 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CS4361
8
DS672A2
DIGITAL INPUT CHARACTERISTICS
6. RST pin has an input threshold relative to VL but is VA tolerant.
7. Iin for LRCK is ±20 µA max.
POWER & THERMAL CHARACTERISTICS
8. Current consumption increases with increasing FS and increasing MCLK. Typ and Max values are
based on highest FS and highest MCLK. Current variance between speed modes is small.
9. Power down mode is defined when all clock and data lines are held static.
10. Valid with the recommended capacitor values on VQ and FILT+ as shown in the typical connection
diagram in Section 3.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage -all input Pins except RST (% of VL)
VIH
70%
-
-
V
Low-Level Input Voltage -all input Pins except RST (% of VL)
VIL
--
30%
V
High-Level Input Voltage -RST pin (Note 6)
(% of VL)
VIH
90%
-
-
V
Low-Level Input Voltage -RST pin
(% of VL)
VIL
--
10%
V
Input Leakage Current
(Note 7)
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
5V Nom
3.3 V Nom
Parameters
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation
(Note 8)
power-down state (Note 9)
IA
IL
IA
IL
-
-
-
-
66
0.1
300
26
90
1
-
-
-
-
-
-
48
0.1
180
24
63
1
-
-
mA
mA
µA
µA
Power Dissipation
normal operation
power-down state (Note 9)
-
-
331
1.63
455
-
-
-
159
0.67
211
-
mW
mW
Package Thermal Resistance
θJA
-72-
-72-
°C/Watt
Power Supply Rejection Ratio (Note 10) (1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
-
-
60
40
-
-
dB
dB
AO U Tx
AG N D
3.3 µF
V
out
R
L
C
L
Figure 1. Equivalent Output Test Load
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
Ω )
L
125
3
20
Figure 2. Maximum Loading


Similar Part No. - CS4361

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4361-CZZ CIRRUS-CS4361-CZZ Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
More results

Similar Description - CS4361

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com