Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4270-DZZR Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4270-DZZR
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4270-DZZR Datasheet(HTML) 4 Page - Cirrus Logic

  CS4270-DZZR Datasheet HTML 1Page - Cirrus Logic CS4270-DZZR Datasheet HTML 2Page - Cirrus Logic CS4270-DZZR Datasheet HTML 3Page - Cirrus Logic CS4270-DZZR Datasheet HTML 4Page - Cirrus Logic CS4270-DZZR Datasheet HTML 5Page - Cirrus Logic CS4270-DZZR Datasheet HTML 6Page - Cirrus Logic CS4270-DZZR Datasheet HTML 7Page - Cirrus Logic CS4270-DZZR Datasheet HTML 8Page - Cirrus Logic CS4270-DZZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
DS686A1
CS4270
8.2 Power Control - Address 02h .......................................................................................... 34
8.2.1 Freeze (Bit 7) ...................................................................................................... 34
8.2.2 PDN_ADC (Bit 5) ................................................................................................ 34
8.2.3 PDN_DAC (Bit 1) ................................................................................................ 34
8.2.4 Power Down (Bit 0) ............................................................................................. 34
8.3 Mode Control - Address 03h ............................................................................................ 35
8.3.1 ADC Functional Mode & Master / Slave Mode (Bits 5:4) .................................... 35
8.3.2 Ratio Select (Bits 3:1) ......................................................................................... 35
8.3.3 PopGuard Disable (Bit 0) .................................................................................... 35
8.4 ADC and DAC Control - Address 04h ............................................................................. 35
8.4.1 ADC HPF Freeze A (Bit 7) .................................................................................. 35
8.4.2 ADC HPF Freeze B (Bit 6) .................................................................................. 36
8.4.3 Digital Loopback (Bit 5) ....................................................................................... 36
8.4.4 DAC Digital Interface Format (Bits 4:3) ............................................................... 36
8.4.5 ADC Digital Interface Format (Bit 0) ................................................................... 36
8.5 Transition Control - Address 05h ..................................................................................... 37
8.5.1 DAC Single Volume (Bit 7) .................................................................................. 37
8.5.2 Soft Ramp or Zero Cross Enable (Bits 6:5) ........................................................ 37
8.5.3 Invert Signal Polarity (Bits 4:1) ............................................................................ 37
8.5.4 De-Emphasis Control (Bit 0) ............................................................................... 38
8.6 Mute Control - Address 06h ............................................................................................. 38
8.6.1 Auto-Mute (Bit 5) ................................................................................................. 38
8.6.2 ADC Channel A & B Mute (Bits 4:3) ................................................................... 38
8.6.3 Mute Polarity (Bit 2) ............................................................................................ 38
8.6.4 DAC Channel A & B Mute (Bits 1:0) ................................................................... 38
8.7 DAC Channel A Volume Control - Address 07h .............................................................. 39
8.8 DAC Channel B Volume Control - Address 08h .............................................................. 39
10. PACKAGE DIMENSIONS .................................................................................................... 41
11. APPENDIX
....................................................................................................................... 42
12. REVISION HISTORY ............................................................................................................ 48
LIST OF FIGURES
Figure 1. Output Test Load ....................................................................................................................... 10
Figure 2. Maximum Loading ...................................................................................................................... 10
Figure 3. Master Mode Serial Audio Port Timing ...................................................................................... 17
Figure 4. Slave Mode Serial Audio Port Timing ........................................................................................ 17
Figure 5. Format 0, Left Justified up to 24-Bit Data .................................................................................. 18
Figure 6. Format 1, I²S up to 24-Bit Data .................................................................................................. 18
Figure 7. Format 2, Right Justified 16-Bit Data. (Available in Control Port Mode only)
Format 3, Right Justified 24-Bit Data. (Available in Control Port Mode only) ............................................ 18
Figure 8. I²C Mode Control Port Timing .................................................................................................... 19
Figure 9. SPI Control Port Timing ............................................................................................................. 20
Figure 10. CS4270 Typical Connection Diagram ...................................................................................... 21
Figure 11. De-Emphasis Curve ................................................................................................................. 27
Figure 12. CS4270 Recommended Analog Input Network ....................................................................... 28
Figure 13. CS5344 Example Analog Input Network .................................................................................. 29
Figure 14. CS4270 Recommended Analog Output Filter .......................................................................... 29
Figure 15. Suggested Active-Low Mute Circuit ......................................................................................... 30
Figure 16. Control Port Timing, SPI mode ................................................................................................ 31
Figure 17. Control Port Timing, I²C Mode ................................................................................................. 32
Figure 18. De-Emphasis Curve ................................................................................................................. 38
Figure 19. DAC Single-Speed (fast) Stopband Rejection ......................................................................... 42
Figure 20. DAC Single-Speed (fast) Transition Band ............................................................................... 42


Similar Part No. - CS4270-DZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270-DZZR CIRRUS-CS4270-DZZR Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CS4270-DZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com