Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4362A Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB4362A
Description  114 dB, 192 kHz 6-channel D/A Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4362A Datasheet(HTML) 3 Page - Cirrus Logic

  CDB4362A Datasheet HTML 1Page - Cirrus Logic CDB4362A Datasheet HTML 2Page - Cirrus Logic CDB4362A Datasheet HTML 3Page - Cirrus Logic CDB4362A Datasheet HTML 4Page - Cirrus Logic CDB4362A Datasheet HTML 5Page - Cirrus Logic CDB4362A Datasheet HTML 6Page - Cirrus Logic CDB4362A Datasheet HTML 7Page - Cirrus Logic CDB4362A Datasheet HTML 8Page - Cirrus Logic CDB4362A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
DS617PP1
3
CS4362A
Mixing Control Pair 3 (Channels A3 & B3)(address 0Ch) ............................................. 37
5.5.1 Channel A Volume = Channel B Volume (A=B)................................................... 37
5.5.2 ATAPI Channel Mixing and Muting (ATAPI) ........................................................ 37
5.5.3 Functional Mode (FM).......................................................................................... 38
5.6 Volume Control (addresses 07h, 08h, 0Ah, 0Bh, 0Dh, 0Eh) .......................................... 39
5.6.1 Mute (MUTE) ....................................................................................................... 39
5.6.2 Volume Control (xx_VOL) .................................................................................... 39
5.7 Chip Revision (address 12h) ........................................................................................... 40
5.7.1 Part Number ID (part) [Read Only] ...................................................................... 40
6. PARAMETER DEFINITIONS.................................................................................................... 41
7. REFERENCES.......................................................................................................................... 41
8. ORDERING INFORMATION .................................................................................................... 41
9. PACKAGE DIMENSIONS ........................................................................................................ 42
10. APPENDIX ............................................................................................................................. 43


Similar Part No. - CDB4362A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4362A CIRRUS-CDB4362A Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CDB4362A CIRRUS-CDB4362A Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

Similar Description - CDB4362A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com