Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14514BDW Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14514BDW
Description  4-Bit Transparent Latch/4-to-16 Line Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14514BDW Datasheet(HTML) 4 Page - ON Semiconductor

  MC14514BDW Datasheet HTML 1Page - ON Semiconductor MC14514BDW Datasheet HTML 2Page - ON Semiconductor MC14514BDW Datasheet HTML 3Page - ON Semiconductor MC14514BDW Datasheet HTML 4Page - ON Semiconductor MC14514BDW Datasheet HTML 5Page - ON Semiconductor MC14514BDW Datasheet HTML 6Page - ON Semiconductor MC14514BDW Datasheet HTML 7Page - ON Semiconductor MC14514BDW Datasheet HTML 8Page - ON Semiconductor MC14514BDW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14514B, MC14515B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (6.) (CL = 50 pF, TA = 25_C)
All Types
Characteristic
Symbol
VDD
Min
Typ (7.)
Max
Unit
Output Rise Time
tTLH = (3.0 ns/pF) CL + 30 ns
tTLH = (1.5 ns/pF) CL + 15 ns
tTLH = (1.1 ns/pF) CL + 10 ns
tTLH
5.0
10
15
180
90
65
360
180
130
ns
Output Fall Time
tTHL = (1.5 ns/pF) CL + 25 ns
tTHL = (0.75 ns/pF) CL + 12.5 ns
tTHL = (0.55 ns/pF) CL + 9.5 ns
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time; Data, Strobe to S
tPLH, tPHL = (1.7 ns/pF) CL + 465 ns
tPLH, tPHL = (0.86 ns/pF) CL + 192 ns
tPLH, tPHL = (0.5 ns/pF) CL + 125 ns
tPLH,
tPHL
5.0
10
15
550
225
150
1100
450
300
ns
Inhibit Propagation Delay Times
tPLH, tPHL = (1.7 ns/pF) CL + 315 ns
tPLH, tPHL = (0.66 ns/pF) CL + 117 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
tPLH,
tPHL
5.0
10
15
400
150
100
800
300
200
ns
Setup Time
Data to Strobe
tsu
5.0
10
15
250
100
75
125
50
38
ns
Hold Time
Strobe to Data
th
5.0
10
15
– 20
0
10
– 100
– 40
– 30
ns
Strobe Pulse Width
tWH
5.0
10
15
350
100
75
175
50
38
ns
6. The formulas given are for the typical characteristics only at 25
_C.
7. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Drain Characteristics Test Circuit
EXTERNAL
POWER SUPPLY
VSS
STROBE
INHIBIT
D1
D2
D3
D4
VDD
VDS
ID
For MC14515B
1. For P–channel: Inhibit = VDD
2. For N–channel: Inhibit = VSS
2. and D1–D4 constitute binary
2. code for “output under test.”
For MC14514B
1. For P–channel: Inhibit = VSS
1. and D1–D4 constitute
1. binary code for “output
1. under test.”
2. For N–channel: Inhibit = VDD
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0


Similar Part No. - MC14514BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514BDW ONSEMI-MC14514BDW Datasheet
114Kb / 8P
   4?묪it Transparent Latch / 4?뭪o??6 Line Decoder
June, 2006 ??Rev. 6
MC14514BDWR2 ONSEMI-MC14514BDWR2 Datasheet
114Kb / 8P
   4?묪it Transparent Latch / 4?뭪o??6 Line Decoder
June, 2006 ??Rev. 6
MC14514BDWR2G ONSEMI-MC14514BDWR2G Datasheet
114Kb / 8P
   4?묪it Transparent Latch / 4?뭪o??6 Line Decoder
June, 2006 ??Rev. 6
MC14514BDWR2G ONSEMI-MC14514BDWR2G Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
More results

Similar Description - MC14514BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com