Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5368-CQZR Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5368-CQZR
Description  114 dB, 192 kHz, 8-Channel A/D Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368-CQZR Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5368-CQZR Datasheet HTML 3Page - Cirrus Logic CS5368-CQZR Datasheet HTML 4Page - Cirrus Logic CS5368-CQZR Datasheet HTML 5Page - Cirrus Logic CS5368-CQZR Datasheet HTML 6Page - Cirrus Logic CS5368-CQZR Datasheet HTML 7Page - Cirrus Logic CS5368-CQZR Datasheet HTML 8Page - Cirrus Logic CS5368-CQZR Datasheet HTML 9Page - Cirrus Logic CS5368-CQZR Datasheet HTML 10Page - Cirrus Logic CS5368-CQZR Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DS624A1
9
CS5368
1. PIN DESCRIPTION
Figure 1. CS5368 Pinout
SDOUT1/TDM
VLS
SDOUT4/TDMC
SDOUT3/TDM
GND
SDOUT2/TDMC
VLC
SCLK
OVFL
6
2
4
8
10
1
3
5
7
9
11
12
13 14 15 16 17 18 19 20 21 22 23 24
31
35
33
29
27
36
34
32
30
28
26
25
48 47 46 45 44 43 42 41 40 39 38 37
CS5368
FILT+
AIN2-
VA
GND
GND
AIN2+
GND
REF_GND
VA
AIN4+
AIN4-
VQ
GND
VD
CLKMODE


Similar Part No. - CS5368-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5368-CQZR CIRRUS-CS5368-CQZR Datasheet
709Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS5368-CQZR CIRRUS-CS5368-CQZR Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS5368-CQZR CIRRUS-CS5368-CQZR Datasheet
385Kb / 42P
   114 dB, 192 kHz, 8-Channel A/D Converter
More results

Similar Description - CS5368-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com