Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14518BCP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14518BCP
Description  Dual Up Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14518BCP Datasheet(HTML) 5 Page - ON Semiconductor

  MC14518BCP Datasheet HTML 1Page - ON Semiconductor MC14518BCP Datasheet HTML 2Page - ON Semiconductor MC14518BCP Datasheet HTML 3Page - ON Semiconductor MC14518BCP Datasheet HTML 4Page - ON Semiconductor MC14518BCP Datasheet HTML 5Page - ON Semiconductor MC14518BCP Datasheet HTML 6Page - ON Semiconductor MC14518BCP Datasheet HTML 7Page - ON Semiconductor MC14518BCP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14518B
http://onsemi.com
5
Figure 2. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
CL
CL
CL
CL
VDD
VSS
Q3
Q2
Q1
Q0
C
E
R
20 ns
Q
tr
tf
VDD
VSS
20 ns
CLOCK
INPUT
90%
50%
10%
tWL
tWH
90%
50%
10%
tPLH
tPHL
Figure 3. Timing Diagram
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
14
3
0
9
8
7
6
5
4
3
2
1
CLOCK
ENABLE
RESET
Q0
Q1
Q2
Q3
Q0
Q1
Q2
Q3
MC14518B
MC14520B


Similar Part No. - MC14518BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14518BCP ONSEMI-MC14518BCP Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
MC14518BCPG ONSEMI-MC14518BCPG Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
More results

Similar Description - MC14518BCP

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
   DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
   Dual Up Counters
July, 2014 ??Rev. 8
logo
Texas Instruments
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
   CMOS DUAL UP COUNTERS
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
logo
Renesas Technology Corp
HD74HC4518 RENESAS-HD74HC4518 Datasheet
115Kb / 9P
   Dual BCD Up Counters
logo
Intersil Corporation
CD4518BMS INTERSIL-CD4518BMS Datasheet
112Kb / 10P
   CMOS Dual Up Counters
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com