Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14514 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14514
Description  4-Bit Transparent Latch/4-to-16 Line Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14514 Datasheet(HTML) 3 Page - ON Semiconductor

  MC14514 Datasheet HTML 1Page - ON Semiconductor MC14514 Datasheet HTML 2Page - ON Semiconductor MC14514 Datasheet HTML 3Page - ON Semiconductor MC14514 Datasheet HTML 4Page - ON Semiconductor MC14514 Datasheet HTML 5Page - ON Semiconductor MC14514 Datasheet HTML 6Page - ON Semiconductor MC14514 Datasheet HTML 7Page - ON Semiconductor MC14514 Datasheet HTML 8Page - ON Semiconductor MC14514 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14514B, MC14515B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ (3.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 1.2
– 0.25
– 0.62
– 1.8
– 1.0
– 0.2
– 0.5
– 1.5
– 1.7
– 0.36
– 0.9
– 3.5
– 0.7
– 0.14
– 0.35
– 1.1
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
Total Supply Current (4.) (5.)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
ITL
5.0
10
15
IT = (1.35 µA/kHz) f + IDD
IT = (2.70 µA/kHz) f + IDD
IT = (4.05 µA/kHz) f + IDD
µAdc
3. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
4. The formulas given are for the typical characteristics only at 25
_C.
5. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.002.


Similar Part No. - MC14514

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145145DW2 MOTOROLA-MC145145DW2 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
MC145145P1 LANSDALE-MC145145P1 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
More results

Similar Description - MC14514

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com