Selected language     English  ▼


CS61305A Datasheet(PDF) 1 Page - Cirrus Logic

Part No. CS61305A
Description  T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 1 page
background image
Features
•• Provides Analog Transmission Line
Interface for T1 and E1 Applications
•• Provides Line Driver, Jitter Attenuator
and Clock Recovery Functions
•• Transmit Side Jitter Attenuation
Starting at 3 Hz, with > 300 UI of Jitter
Tolerance
•• B8ZS/HDB3/AMI Encoders/Decoders
•• Compatible with SONET, M13 , CCITT
G.742, and Other Asynchronous Muxes
•• 50 mA Transmitter Short-Circuit
Current Limiting
General Description
The CS61305A combines the complete analog transmit
and receive line interface for T1 or E1 applications in a
low power, 28-pin device operating from a +5V supply.
The CS61305A is a pin-compatible replacement for the
LXT305A in most applications.
The CS61305A provides a transmitter jitter attenuator
making it ideal for use in asynchronous multiplexor
systems with gapped transmit clocks. The transmitter
features internal pulse shaping and a low impedance
output stage allowing the use of external resistors for
transmitter impedance matching. The receiver uses a
digital Delay-Locked-Loop clock and data recovery cir-
cuit which is continuously calibrated from a crystal
reference to provide excellent stability and jitter toler-
ance.
Applications
Interfacing network transmission equipment such as
SONET multiplexor and M13 to a DSX-1 cross con-
nect.
Interfacing customer premises equipment to a CSU.
ORDERING INFORMATION
CS61305A-IP1
28 Pin Plastic DIP
CS61305A-IL1
28 Pin Plastic PLCC
MAY ’96
DS157PP3
1
Crystal Semiconductor Corporation
P. O. Box 17847, Austin, Texas, 78760
(512) 445 7222
FAX:(512) 445 7581
T1/E1 Line Interface
SIGNAL
QUALITY
MONITOR
13
TTIP
TCLK
7
RRING
RTIP
19
20
17
11
18
TRING
16
TGND
14
CONTROL
DRIVER
MONITOR
LINE RECEIVER
LINE DRIVER
15
PULSE
SHAPER
3
2
6
4
RCLK
8
ACLKI
27
LLOOP
(SCLK)
26
RLOOP
(CS)
25
24
(INT)
LEN0
(SDI)
LEN1
(SDO)
LEN2
28
23
(CLKE)
TAOS
5
MODE
AMI,
B8ZS,
HDB3
CODER
TPOS
[TDATA]
RPOS
[RDATA]
RNEG
[BPV]
TNEG
[TCODE]
MTIP
[RCODE]
MRING
[PCS]
DPM
[AIS]
LOS
12
21
RV+
1
CLOCK &
DATA
RECOVERY
XTALIN
9
XTALOUT
10
JITTER
ATTENUATOR
LOOP
BACK
TV+
[ ] = Pin Function in Extended Hardware Mode
( ) = Pin Function in Host Mode
22
RGND
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)
CS61305A
This document contains information for a new product. Crystal
Semiconductor reserves the right to modify this product without notice.
Preliminary Product Information




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STLC3055WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
TS634DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
PBL38661-2Subscriber Line Interface Circuit 1 2 3 4 5 MoreEricsson
HC5503CUnbalanced PBX/Key System SLIC Subscriber Line Interface Circuit 1 2 3 4 5 Intersil Corporation
MH88422Line Interface Circuit Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
CS61884Octal T1/E1/J1 Line Interface Unit 1 2 3 4 5 MoreCirrus Logic
IDT82V2081SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
PM4325Octal Short Haul T1/E1/J1 Low Latency Transport Line Interface 1 2 PMC-Sierra, Inc
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl