Selected language     English  ▼


CS61581-IL Datasheet(PDF) 7 Page - Cirrus Logic

Part No. CS61581-IL
Description  T1/E1 Universal Line Interface
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 7 page
background image
CS61581
DS211PP8
7
T1 SWITCHING CHARACTERISTICS (TA = -40°C to 85°C; TV+, RV+ = 5.0 V ±5%;
GND = 0 V; Inputs: Logic 0 = 0 V, Logic 1 = RV+; See Figures 1, 2, & 3)
Notes: 19. MCLK provided by an external source or TCLK.
20. RCLK duty cycle will be 62.5% or 37.5% when jitter attenuator FIFO limits are reached.
21. At max load of 1.6 mA and 50 pF.
22. Host Mode (CLKE = 1).
23. Host Mode (CLKE = 0)
E1 SWITCHING CHARACTERISTICS (TA = -40°C to 85°C; TV+, RV+ = 5.0 V ±5%;
GND = 0 V; Inputs: Logic 0 = 0 V, Logic 1 = RV+; See Figures 1, 2, & 3)
Parameter
Symbol
Min
Typ
Max
Units
TCLK Frequency
ftclk
-1.544
-
MHz
MCLK Frequency
(Note 19)
fmclk
-1.544
-
MHz
RCLK Duty Cycle
(Notes 18, 20) tpwh1/tpw1
50
%
Rise Time, All Digital Outputs
(Note 21)
tr
--
85
ns
Fall Time, All Digital Outputs
(Note 21)
tf
--
85
ns
TPOS/TNEG to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG Hold Time
th2
25
-
-
ns
RPOS/RNEG Valid Before RCLK Falling
(Note 22)
tsu1
150
274
-
ns
RPOS/RNEG Valid Before RCLK Rising
(Note 23)
tsu1
150
274
-
ns
RPOS/RNEG Valid After RCLK Falling
(Note 22)
th1
150
274
-
ns
RPOS/RNEG Valid After RCLK Rising
(Note 23)
th1
150
274
-
ns
Parameter
Symbol
Min
Typ
Max
Units
TCLK Frequency
ftclk
-2.048
-
MHz
MCLK Frequency
(Note 19)
fmclk
-2.048
-
MHz
RCLK Duty Cycle
(Notes 18, 20) tpwh1/tpw1
50
%
Rise Time, All Digital Outputs
(Note 21)
tr
--
85
ns
Fall Time, All Digital Outputs
(Note 21)
tf
--
85
ns
TPOS/TNEG to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG Hold Time
th2
25
-
-
ns
RPOS/RNEG Valid Before RCLK Falling
(Note 22)
tsu1
100
194
-
ns
RPOS/RNEG Valid Before RCLK Rising
(Note 23)
tsu1
100
194
-
ns
RPOS/RNEG Valid After RCLK Falling
(Note 22)
th1
100
194
-
ns
RPOS/RNEG Valid After RCLK Rising
(Note 23)
th1
100
194
-
ns
CS61581
DS211F1
7




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STLC3055WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
TS634DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
PBL38661-2Subscriber Line Interface Circuit 1 2 3 4 5 MoreEricsson
HC5503CUnbalanced PBX/Key System SLIC Subscriber Line Interface Circuit 1 2 3 4 5 Intersil Corporation
MH88422Line Interface Circuit Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
CS61884Octal T1/E1/J1 Line Interface Unit 1 2 3 4 5 MoreCirrus Logic
IDT82V2081SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
PM4325Octal Short Haul T1/E1/J1 Low Latency Transport Line Interface 1 2 PMC-Sierra, Inc
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl