Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61583-IQ5 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS61583-IQ5
Description  DUAL T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61583-IQ5 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS61583-IQ5 Datasheet HTML 30Page - Cirrus Logic CS61583-IQ5 Datasheet HTML 31Page - Cirrus Logic CS61583-IQ5 Datasheet HTML 32Page - Cirrus Logic CS61583-IQ5 Datasheet HTML 33Page - Cirrus Logic CS61583-IQ5 Datasheet HTML 34Page - Cirrus Logic CS61583-IQ5 Datasheet HTML 35Page - Cirrus Logic CS61583-IQ5 Datasheet HTML 36Page - Cirrus Logic CS61583-IQ5 Datasheet HTML 37Page - Cirrus Logic CS61583-IQ5 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Features
•• Socketed CS61583 Dual Line Interface
•• All Required Components for CS61583
Evaluation
•• Locations to Evaluate Protection Circuitry
•• LED Status Indications for Alarm
Conditions
•• Control of Enhanced Hardware Options
General Description
The evaluation board includes a socketed CS61583
dual line interface device and all support components
necessary for evaluation. The board is powered by
an external +5 Volt supply.
The board may be configured for 100
Ω twisted-pair
T1, 75
Ω coax E1, or 120Ω twisted-pair E1 operation.
Binding posts and bantam jacks are provided for line
interface connections. Several BNC connectors pro-
vide clock and data I/O at the system interface.
Reference timing may be derived from a crystal oscil-
lator or an external reference clock. Four LED
indicators monitor device alarm conditions.
ORDERING INFORMATION: CDB61583
DEC ’95
DB172PP1
34
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445 7581
Dual Line Interface Evaluation Board
CDB61583
Copyright
© Crystal Semiconductor Corporation 1995
(All Rights Reserved)
Oscillator
Circuit
TTIP1
TRING1
RTIP1
RRING1
TTIP2
TRING2
RTIP2
RRING2
}CHANNEL1
}CHANNEL2
+5V
0V
TCLK1
TPOS1
(TDATA1)
TNEG1
RCLK1
RPOS1
(RDATA1)
RNEG1
(BPV1)
{CHANNEL1
RESET
CIRCUIT
+5V
TCLK2
TPOS2
(TDATA2)
TNEG2
RCLK2
RPOS2
(RDATA2)
RNEG2
(BPV2)
CHANNEL 2
Hardware Control
and Mode Circuit
LED Status
Indicators
{
CS61583
REFCLK


Similar Part No. - CS61583-IQ5

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
More results

Similar Description - CS61583-IQ5

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com