Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61584A-IQ3Z Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS61584A-IQ3Z
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IQ3Z Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS61584A-IQ3Z Datasheet HTML 23Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 24Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 25Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 26Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 27Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 28Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 29Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 30Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
CS61584A
DS261PP5
27
DS261PP5
Factory Test: Must be cleared for normal device
operation.
9.1.4
Control B Registers
The Control B registers are read-write registers and
are shown in Table 8. The Control B registers select
device configuration and loopback control.
TAOS: Controls the transmission of all ones to the
line interface. A TAOS request overrides the data
transmitted to the line interface during local and re-
mote loopbacks.
RLOOP: Controls the remote loopback function for
the channel.
LLOOP1: Controls the local loopback #1 function
for the channel. Includes the jitter attenuator, if en-
abled. In host mode, selecting LLOOP1 and
LLOOP2 simultaneously causes all ones to be out-
put from RPOS/RNEG (RDATA).
LLOOP2: Controls the local loopback #2 function
for the channel. Includes the line driver, line receiv-
er, and jitter attenuator, if enabled. See LLOOP1,
above, for receive all ones function.
CON[3:0]: Controls the configuration of the line
driver, line receiver, coder, and driver tristate as
shown in the Transmitter section. Both channels
must be configured to operate at the same rate (both
T1 or both E1).
9.1.5
Arbitrary Waveform Registers
In addition to the predefined T1 and E1 pulse
shapes, arbitrary pulse shapes may be created dur-
ing Host mode operation using the registers shown
in Table 9. This flexibility can be used to compen-
Control B Register (Channel 1)
Serial Port Address: 0x16; Parallel Port Address: 0xY6
Bit
Description
Definition
Reset
Value
10
7
TAOS1
Enable transmit all ones
Disable transmit all ones
0
6
RLOOP1
Enable remote loopback
Disable remote loopback
0
5
LLOOP11
Enable local loopback #1
Disable local loopback #1
0
4
LLOOP21
Enable local loopback #2
Disable local loopback #2
0
3
CON31
Line configuration selections
(See Transmitter section)
1
2CON21
1
1CON11
1
0CON01
0
Control B Register (Channel 2)
Serial Port Address: 0x17; Parallel Port Address: 0xY7
Bit
Description
Definition
Reset
Value
10
7
TAOS2
Enable transmit all ones
Disable transmit all ones
0
6
RLOOP2
Enable remote loopback
Disable remote loopback
0
5
LLOOP12
Enable local loopback #1
Disable local loopback #1
0
4
LLOOP22
Enable local loopback #2
Disable local loopback #2
0
3
CON32
Line configuration selections
(See Transmitter section)
1
2CON22
1
1CON12
1
0CON02
0
Table 8. Control B Registers
CS61584A
DS261F1
27


Similar Part No. - CS61584A-IQ3Z

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
More results

Similar Description - CS61584A-IQ3Z

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com