Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF1332PNU Datasheet(PDF) 1 Page - Anachip Corp

Part # AF1332PNU
Description  N-Channel Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF1332PNU Datasheet(HTML) 1 Page - Anachip Corp

  AF1332PNU Datasheet HTML 1Page - Anachip Corp AF1332PNU Datasheet HTML 2Page - Anachip Corp AF1332PNU Datasheet HTML 3Page - Anachip Corp AF1332PNU Datasheet HTML 4Page - Anachip Corp AF1332PNU Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AF1332N
N-Channel Enhancement Mode Power MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Oct 15, 2004
1/5
Features
- Simple Gate Drive
- 2KV ESD Rating (Per MIL-STD-883D)
- Small Package Outline (SOT323)
Product Summary
BVDSS = 20V
RDS (on) = 600mΩ.
ID = 600mA
Pin Assignments
3
2
1
(Top View)
1. G
2. S
3. D
Description
The advanced power MOSFET provides the designer
with the best combination of fast switching, low
on-resistance and cost-effectiveness.
Pin Descriptions
Pin
No.
Pin
Name
Description
1
G
Gate
2
S
Source
3
D
Drain
Ordering information
A X 1332N X X X
PN
Package
Feature
F :MOSFET
U: SOT323
Lead Free
Blank : Normal
L : Lead Free Package
Packing
Blank : Tube or Bulk
A : Tape & Reel
Block Diagram
S
G
D


Similar Part No. - AF1332PNU

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF1333P ANACHIP-AF1333P Datasheet
278Kb / 5P
   P-Channel Enhancement Mode Power MOSFET
AF1333PU ANACHIP-AF1333PU Datasheet
278Kb / 5P
   P-Channel Enhancement Mode Power MOSFET
AF1333PUA ANACHIP-AF1333PUA Datasheet
278Kb / 5P
   P-Channel Enhancement Mode Power MOSFET
AF1333PUL ANACHIP-AF1333PUL Datasheet
278Kb / 5P
   P-Channel Enhancement Mode Power MOSFET
AF1333PULA ANACHIP-AF1333PULA Datasheet
278Kb / 5P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - AF1332PNU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com