Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14551BCP Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14551BCP
Description  Quad 2-Channel Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551BCP Datasheet(HTML) 1 Page - ON Semiconductor

  MC14551BCP Datasheet HTML 1Page - ON Semiconductor MC14551BCP Datasheet HTML 2Page - ON Semiconductor MC14551BCP Datasheet HTML 3Page - ON Semiconductor MC14551BCP Datasheet HTML 4Page - ON Semiconductor MC14551BCP Datasheet HTML 5Page - ON Semiconductor MC14551BCP Datasheet HTML 6Page - ON Semiconductor MC14551BCP Datasheet HTML 7Page - ON Semiconductor MC14551BCP Datasheet HTML 8Page - ON Semiconductor MC14551BCP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
August, 2000 – Rev. 4
1
Publication Order Number:
MC14551B/D
MC14551B
Quad 2-Channel Analog
Multiplexer/Demultiplexer
The MC14551B is a digitally–controlled analog switch. This device
implements a 4PDT solid state switch with low ON impedance and
very low OFF Leakage current. Control of analog signals up to the
complete supply voltage range can be achieved.
Triple Diode Protection on All Control Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Analog Voltage Range (V
DD – VEE) = 3.0 to 18 V
Note: VEE must be
v VSS
Linearized Transfer Characteristics
Low Noise — 12 nV√Cycle, f ≥ 1.0 kHz typical
For Low R
ON, Use The HC4051, HC4052, or HC4053 High–Speed
CMOS Devices
Switch Function is Break Before Make
MAXIMUM RATINGS (2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
(Referenced to VEE, VSS ≥ VEE)
– 0.5 to + 18.0
V
Vin, Vout
Input or Output Voltage (DC or
Transient) (Referenced to VSS for
Control Input & VEE for Switch I/O)
– 0.5 to VDD + 0.5
V
Iin
Input Current (DC or Transient),
per Control Pin
± 10
mA
Isw
Switch Through Current
± 25
mA
PD
Power Dissipation, per Package (3.)
500
mW
TA
Ambient Temperature Range
– 55 to + 125
_C
Tstg
Storage Temperature Range
– 65 to + 150
_C
TL
Lead Temperature
(8–Second Soldering)
260
_C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD for control inputs and VEE ≤ (Vin or Vout) ≤
VDD for Switch I/O.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS, VEE or VDD). Unused outputs must be left open.
Device
Package
Shipping
ORDERING INFORMATION
MC14551BCP
PDIP–16
2000/Box
MC14551BD
SOIC–16
http://onsemi.com
48/Rail
MC14551BDR2
SOIC–16
2500/Tape & Reel
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14551BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14551B
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14551B
ALYW
MC14551BF
SOEIAJ–16
See Note 1.
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.


Similar Part No. - MC14551BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14551BCP ONSEMI-MC14551BCP Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BCPG ONSEMI-MC14551BCPG Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results

Similar Description - MC14551BCP

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com