Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1455D Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC1455D
Description  Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1455D Datasheet(HTML) 5 Page - ON Semiconductor

  MC1455D Datasheet HTML 1Page - ON Semiconductor MC1455D Datasheet HTML 2Page - ON Semiconductor MC1455D Datasheet HTML 3Page - ON Semiconductor MC1455D Datasheet HTML 4Page - ON Semiconductor MC1455D Datasheet HTML 5Page - ON Semiconductor MC1455D Datasheet HTML 6Page - ON Semiconductor MC1455D Datasheet HTML 7Page - ON Semiconductor MC1455D Datasheet HTML 8Page - ON Semiconductor MC1455D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC1455, MC1455B, NCV1455B
http://onsemi.com
5
Figure 13. Representative Circuit Schematic
100
Threshold
Comparator
Trigger
Comparator
Flip−Flop
Output
VCC
Threshold
Trigger
Reset
Discharge
Gnd
Discharge
Reset
100 k
5.0 k
5.0 k
e
4.7 k
c b
7.0 k
6.8 k
3.9 k
b
220
4.7 k
Output
Control Voltage
5.0 k
1.0 k
4.7 k
830
4.7k
10 k
c
GENERAL OPERATION
The MC1455 is a monolithic timing circuit which uses an
external resistor − capacitor network as its timing element. It
can be used in both the monostable (one−shot) and astable
modes with frequency and duty cycle controlled by the
capacitor and resistor values. While the timing is dependent
upon the external passive components, the monolithic circuit
provides the starting circuit, voltage comparison and other
functions needed for a complete timing circuit. Internal to the
integrated circuit are two comparators, one for the input
signal and the other for capacitor voltage; also a flip−flop and
digital output are included. The comparator reference
voltages are always a fixed ratio of the supply voltage thus
providing output timing independent of supply voltage.
Monostable Mode
In the monostable mode, a capacitor and a single resistor
are used for the timing network. Both the threshold terminal
and the discharge transistor terminal are connected together
in this mode (refer to circuit in Figure 14). When the input
voltage to the trigger comparator falls below 1/3 VCC, the
comparator output triggers the flip−flop so that its output
sets low. This turns the capacitor discharge transistor “off”
and drives the digital output to the high state. This condition
allows the capacitor to charge at an exponential rate which
is set by the RC time constant. When the capacitor voltage
reaches 2/3 VCC, the threshold comparator resets the
flip−flop. This action discharges the timing capacitor and
returns the digital output to the low state. Once the flip−flop
has been triggered by an input signal, it cannot be retriggered
until the present timing period has been completed. The time
that the output is high is given by the equation t = 1.1 RA C.
Various combinations of R and C and their associated times
are shown in Figure 16. The trigger pulse width must be less
than the timing period.
A reset pin is provided to discharge the capacitor, thus
interrupting the timing cycle. As long as the reset pin is low,
the capacitor discharge transistor is turned “on” and
prevents the capacitor from charging. While the reset
voltage is applied the digital output will remain the same.
The reset pin should be tied to the supply voltage when not
in use.
Figure 14. Monostable Circuit
RL
+VCC (5.0 V to 15 V)
Reset
VCC
8
Discharge
7
6
5
Threshold
Control
Voltage
0.01
mF
1
2
Trigger
Output
3
4
RA
RL
MC1455
C


Similar Part No. - MC1455D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455D ONSEMI-MC1455D Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455D ONSEMI-MC1455D Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455D ONSEMI-MC1455D Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
MC1455DG ONSEMI-MC1455DG Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455DG ONSEMI-MC1455DG Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
More results

Similar Description - MC1455D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
logo
List of Unclassifed Man...
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
   Timers Interval
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
   Timers Multifunction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com