Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF08134B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PF08134B
Description  MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PF08134B Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PF08134B Datasheet HTML 4Page - Renesas Technology Corp PF08134B Datasheet HTML 5Page - Renesas Technology Corp PF08134B Datasheet HTML 6Page - Renesas Technology Corp PF08134B Datasheet HTML 7Page - Renesas Technology Corp PF08134B Datasheet HTML 8Page - Renesas Technology Corp PF08134B Datasheet HTML 9Page - Renesas Technology Corp PF08134B Datasheet HTML 10Page - Renesas Technology Corp PF08134B Datasheet HTML 11Page - Renesas Technology Corp PF08134B Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PF08134B
Rev.1.01, May 13, 2004, page 8 of 13
GSM mode (824 MHz to 849 MHz) (cont.)
36
35
31
32
33
34
–8
–6
–4
–2
02468
GSM mode (824 MHz) Pout vs. Pin (Temperature variation)
Input power Pin (dBm)
Vapc = 2.2 V
37
31
32
34
33
35
36
650
700
750
800
850
900
950
GSM mode Pout, Eff vs. f
Frequency f (MHz)
55
30
35
40
45
50
Pin = 0 dBm
Vdd = 3.5 V
Tc = 25
°C
Pout : Vapc = 2.2 V
Eff : Pout = 33.5 dBm
10
0.01
0.1
1
–50 –40 –30 –20 –10
10
0
203040
GSM mode (824 MHz) Idd vs. Pout
Output power Pout (dBm)
Pin = 0 dBm
Vdd = 3.5 V
Vapc = control
Tc = 25
°C
10
0.01
0.1
1
–50 –40 –30 –20 –10
10
020
30
40
GSM mode (849 MHz) Idd vs. Pout
Output power Pout (dBm)
Pin = 0 dBm
Vdd = 3.5 V
Vapc = control
Tc = 25
°C
38
33
34
35
36
37
GSM mode Pout vs. Vdd
3.1
Supply voltage Vdd (V)
3.3
3.5
3.7
3.9
4.1
4.3
4.5
36
31
33
32
34
35
–8
–6
–4
–2
0
2
4
6
8
GSM mode (849 MHz) Pout vs. Pin (Temperature variation)
Input power Pin (dBm)
Vapc = 2.2 V
Pout
849 MHz
824 MHz
Vdd = 3.1 V, Tc = 85
°C
Vdd = 3.5 V, Tc = 25
°C
Vdd = 3.5 V
Tc = 25
°C
Pout : Vapc = 2.2 V
Eff : Pout = 33.5 dBm
Eff
Vdd = 3.1 V, Tc = 85
°C
Vdd = 3.5 V, Tc = 85
°C
Vdd = 3.5 V, Tc = 25
°C
Vdd = 3.5 V, Tc = 85
°C


Similar Part No. - PF08134B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
More results

Similar Description - PF08134B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
logo
Hitachi Semiconductor
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for PCS 1900 Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com