Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ1023 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # CNZ1023
Description  Photo lnterrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ1023 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  CNZ1023 Datasheet HTML 1Page - Panasonic Semiconductor CNZ1023 Datasheet HTML 2Page - Panasonic Semiconductor CNZ1023 Datasheet HTML 3Page - Panasonic Semiconductor CNZ1023 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CNZ1021, CNZ1023, CNA1009H
3
SHG00017BED
IF , IC  Ta
IF  VF
VF  Ta
IC  IF
IC  VCE
∆I
C  Ta
ICEO  Ta
tr  IC
∆I
C  d
60
50
40
30
20
10
0
60
50
40
30
20
10
0
0
20406080
100
−25
102
10
1
10 −1
10 −2
10
1
10 −1
10 −2
102
10 −1
110
102
10 −1
110
102
Ta
= 25°C
Ta
= 25°C
VCE
= 5 V
IF
= 20 mA
VCE
= 10 V
VCE
= 5 V
Ta
= 25°C
VCC
= 5 V
Ta
= 25°C
100
80
60
40
20
0
1234
6
5
0
VCE
= 5 V
Ta
= 25°C
IF
= 20 mA
Ambient temperature T
a (°C )
Forward current I
F (mA)
Collector-emitter voltage V
CE (V)
Distance d (mm)
Criterion
0
0.4
1.2
1.6
2.0
2.4
0.8
0
1.6
1.2
0.8
0.4
0
Forward voltage V
F (V)
Ambient temperature T
a (°C )
160
120
80
40
−40
0
40
80
−40
0
40
80
0
−40
040
80
102
10
1
10 −1
102
10 −2
103
102
10
1
10 −2
10 −1
10 −1
110
IF
IC
10 mA
1 mA
IF
= 50 mA
IF
= 30 mA
20 mA
10 mA
RL
= 1 kΩ
500
100
d
Ambient temperature T
a (°C )
Ambient temperature T
a (°C )
Collector current I
C (mA)


Similar Part No. - CNZ1023

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1023 PANASONIC-CNZ1023 Datasheet
64Kb / 3P
   Photo Interrupters
More results

Similar Description - CNZ1023

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1012K PANASONIC-CNA1012K Datasheet
88Kb / 3P
   Photo lnterrupter For contactless SW, object detection
logo
Toshiba Semiconductor
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
   PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
logo
KODENSHI_AUK CORP.
SP-1CL3 KODENSHI-SP-1CL3 Datasheet
268Kb / 2P
   Photo diodes
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH312 NEC-PH312 Datasheet
49Kb / 2P
   PHOTO DIODE
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD2001M MARKTECH-MTD2001M Datasheet
48Kb / 2P
   Photo Diode
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
   Photo Transistor
logo
New Japan Radio
NJL5161K NJRC-NJL5161K Datasheet
306Kb / 9P
   PHOTO REFLECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com