Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1722A-25CXATR Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1722A-25CXATR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722A-25CXATR Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1722A-25CXATR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722A-25CXATR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722A-25CXATR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722A-25CXATR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722A-25CXATR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722A-25CXATR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1722A-25CXATR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1722A-25CXATR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1722A-25CXATR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AIC1722A
ELECTRICAL CHARACTERISTICS (TA=25°C, CIN=1µF, COUT=1µF, unless oth-
erwise specified.) (Note 1)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
No Load
Output Voltage
AIC1722A-52
AIC1722A-50
AIC1722A-38
AIC1722A-37
AIC1722A-35
AIC1722A-33
AIC1722A-30
AIC1722A-27
AIC1722A-25
AIC1722A-20
AIC1722A-18
VIN=8V
-2
+2
%
Line Regulation
IL=1mA,
1.4V
≤VOUT≤3.2V
3.3V
≤VOUT≤5.2V
VIN=4V~8V
VIN=5.5V~8V
3
3
10
15
mV
Load Regulation
(Note 2)
IL=0.1~300mA
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5V
VIN=7V
7
15
20
40
mV
Current Limit
(Note 3)
VIN=7V, VOUT=0V
300
mA
Dropout Voltage
(Note 4)
IL=300mA
4.0V
≤VOUT≤5.2V
3.0V
≤VOUT≤3.9V
2.5V
≤VOUT≤2.9V
2.0V
≤VOUT≤2.4V
1.4V
≤VOUT≤1.9V
400
470
570
800
1260
mV
Ground Current
IO=0.1mA~IMAX
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5~8V
VIN=7~8V
55
55
80
80
µA
Note 1:
Specifications are production tested at TA =25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Current limit is measured by pulsing a short time.
Note 4:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.
4


Similar Part No. - AIC1722A-25CXATR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A-25XU AIC-AIC1722A-25XU Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-25XXA AIC-AIC1722A-25XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722A-25CXATR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com