Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3054-X Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3054-X
Description  Extended Temperature Serial Interface CODEC/Filter COMBO Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3054-X Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button TP3054-X Datasheet HTML 6Page - National Semiconductor (TI) TP3054-X Datasheet HTML 7Page - National Semiconductor (TI) TP3054-X Datasheet HTML 8Page - National Semiconductor (TI) TP3054-X Datasheet HTML 9Page - National Semiconductor (TI) TP3054-X Datasheet HTML 10Page - National Semiconductor (TI) TP3054-X Datasheet HTML 11Page - National Semiconductor (TI) TP3054-X Datasheet HTML 12Page - National Semiconductor (TI) TP3054-X Datasheet HTML 13Page - National Semiconductor (TI) TP3054-X Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5.0V ±5%, VBB = −5.0V ±5%; TA =
−40˚C to +85˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other
production tests and/or product design and characterization. GNDA = 0V, f = 1.02 kHz, V
IN = 0 dBm0, transmit input amplifier
connected for unity gain non inverting. Typicals are specified at V
CC = +5.0V, VBB = −5.0V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLITUDE RESPONSE
V
RO
Receive Output Drive Level
R
L=600
−2.5
2.5
V
ENVELOPE DELAY DISTORTION WITH FREQUENCY
D
XA
Transmit Delay, Absolute
f=1600 Hz
290
315
µs
D
XR
Transmit Delay, Relative to D
XA
f=500 Hz−600 Hz
195
220
µs
f=600 Hz−800 Hz
120
145
µs
f=800 Hz−1000 Hz
50
75
µs
f=1000 Hz−1600 Hz
20
40
µs
f=1600 Hz−2600 Hz
55
75
µs
f=2600 Hz−2800 Hz
80
105
µs
f=2800 Hz−3000 Hz
130
155
µs
D
RA
Receive Delay, Absolute
f=1600 Hz
180
200
µs
D
RR
Receive Delay, Relative to D
RA
f=500 Hz−1000 Hz
−40
−25
µs
f=1000 Hz−1600 Hz
−30
−20
µs
f=1600 Hz−2600 Hz
70
90
µs
f=2600 Hz−2800 Hz
100
125
µs
f=2800 Hz−3000 Hz
145
175
µs
NOISE
N
XC
Transmit Noise, C Message
TP3054
12
16
dBrnC0
Weighted
(Note 3)
N
XP
Transmit Noise, P Message
TP3057
−74
−67
dBm0p
Weighted
(Note 3)
N
RC
Receive Noise, C Message
PCM Code is Alternating
Weighted
Positive and Negative Zero — TP3054
8
11
dBrnC0
N
RP
Receive Noise, P Message
TP3057 PCM Code Equals Positive
Weighted
Zero —
−82
−79
dBm0p
N
RS
Noise, Single Frequency
f=0 kHz to 100 kHz, Loop Around
−53
dBm0
Measurement, VF
XI
+=0 Vrms
PPSR
X
Positive Power Supply Rejection,
V
CC=5.0 VDC+100 mVrms
Transmit
f=0 kHz−50 kHz (Note 4)
40
dBC
NPSR
X
Negative Power Supply Rejection,
V
BB=−5.0 VDC+ 100 mVrms
Transmit
f=0 kHz−50 kHz (Note 4)
40
dBC
PPSR
R
Positive Power Supply Rejection,
PCM Code Equals Positive Zero
Receive
V
CC=5.0 VDC+100 mVrms
Measure VF
R0
f=0 Hz−4000 Hz
38
dBC
f=4 kHz−25 kHz
38
dB
f=25 kHz−50 kHz
35
dB
NPSR
R
Negative Power Supply Rejection,
PCM Code Equals Positive Zero
Receive
V
BB=−5.0 VDC+100 mVrms
Measure VF
R0
f=0 Hz−4000 Hz
38
dBC
f=4 kHz−25 kHz
38
dB
f=25 kHz−50 kHz
35
dB
www.national.com
10


Similar Part No. - TP3054-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3054-X TI1-TP3054-X Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

Similar Description - TP3054-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com