Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2085 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP2085
Description  5 GHz Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AP2085 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP2085 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP2085 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP2085 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP2085 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP2085 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP2085 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP2085 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP2085 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP2085 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP2085
5 GHz Power Amplifier
2004.08.06 Preliminary
For more information,please contact us at:
Sales Dept.
Tel: +886-2-2698-1022
e-mail: sales@rfintc.com
© 2004 RF Integrated Corporation. All rights reserved.
RF integrated Corp. reserved the right to make any changes to the specifications without notice.
1of 9
AP2085 is a linear, three-stage power amplifier MMIC in the
5GHz band utilizing InGaP/GaAs HBT process. With the
excellent linearity performance, the device delivers ~18dBm
linear output power for EVM<3%, and 30dB gain under
54Mbps OFDM (IEEE802.11a) modulation at 3.3V. AP2085
can also deliver ~20dBm linear output power for
EVM<3%, and 31dB gain at 5.0 V. The AP2085 is housed
in a 3 x 3 (mm), 16 pin, QFN package. This power amplifier is
suitable for the high gain applications in the full 802.11a
5GHz band.(4.9~5.85GHz)
Major Applications
• Wireless LAN IEEE 802.11a
• FCC-U-NII Wireless
• HiperLAN2
Pin Details
Functional Block Diagram
QFN- 16 pin, 3 x 3 (mm)
RF IN
NC
NC
RF OUT
RF OUT
Detector
1
8
7
6
5
4
3
2
9
10
11
12
16
15
14
13
RF IN
NC
Vreg1 Vreg2
Vreg3 Vcc_Bias
NC
Vcc1
Vcc2
Vcc3
Ground
GND
Pkg Base
No Contact
NC
16
Supply voltage for first stage
Vcc1
15
Supply voltage for second stage
Vcc2
14
Supply voltage for third stage
Vcc3
13
No Contact
NC
12
RF Output
RF_OUT
11
RF Output
RF_OUT
10
Detector
Detector
9
Bias Circuit Supply
Vcc_Bias
8
Third Stage Bias
Vreg3
7
Second Stage Bias
Vreg2
6
First Stage Bias
Vreg1
5
No Contact
NC
4
No Contact
NC
3
RF Input
RF_IN
2
RF Input
RF_IN
1
Description
Name
Pin Number
• Full 11a frequency range: 4.9~5.85GHz
(Gain and Power Flatness for the full 11a band)
Under Vc = 3.3V (For bias condition, please see
Application Note)
• High Gain: ~30dB at Pout=18dBm
• Pout @ EVM<3%: ~18dBm
• Total Current at Pout @ EVM<3%: ~210mA
Under Vc = 5V (For bias condition, please see
Application Note)
• High Gain: ~31dB at Pout=20dBm
• Pout @ EVM<3%: ~20dBm
• Total Current at Pout @ EVM<3%: ~260mA


Similar Part No. - AP2085

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AP20-4 KNOWLES-AP20-4 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
AP20-4E KNOWLES-AP20-4E Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
AP20-5 KNOWLES-AP20-5 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
AP20-5E KNOWLES-AP20-5E Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
LEM
AP200-B10 LEM-AP200-B10 Datasheet
56Kb / 2P
   AC Current transducer AP-B10
More results

Similar Description - AP2085

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518_09 Datasheet
252Kb / 8P
   5 - 18 GHz High Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
327Kb / 8P
   5 - 18 GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA8659-FL TRIQUINT-TGA8659-FL_15 Datasheet
576Kb / 10P
   13 ??5 GHz 4W Power Amplifier
logo
ANADIGICS, Inc
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
Tyco Electronics
MAAPSM0008 MACOM-MAAPSM0008 Datasheet
220Kb / 6P
   1-Watt Power Amplifier 5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com