Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14572UB Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14572UB
Description  Hex Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14572UB Datasheet(HTML) 3 Page - ON Semiconductor

  MC14572UB Datasheet HTML 1Page - ON Semiconductor MC14572UB Datasheet HTML 2Page - ON Semiconductor MC14572UB Datasheet HTML 3Page - ON Semiconductor MC14572UB Datasheet HTML 4Page - ON Semiconductor MC14572UB Datasheet HTML 5Page - ON Semiconductor MC14572UB Datasheet HTML 6Page - ON Semiconductor MC14572UB Datasheet HTML 7Page - ON Semiconductor MC14572UB Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14572UB
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Vin = 0 or VDD
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.0
2.0
2.5
2.25
4.50
6.75
1.0
2.0
2.5
1.0
2.0
2.5
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
4.0
8.0
12.5
4.0
8.0
12.5
2.75
5.50
8.25
4.0
8.0
12.5
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 1.2
– 0.25
– 0.62
– 1.8
– 1.0
– 0.2
– 0.5
– 1.5
– 1.7
– 0.36
– 0.9
– 3.5
– 0.7
– 0.14
– 0.35
– 1.1
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
µAdc
Total Supply Current (5.) (6.)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.89 µA/kHz) f + IDD
IT = (3.80 µA/kHz) f + IDD
IT = (5.68 µA/kHz) f + IDD
µAdc
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. The formulas given are for the typical characteristics only at 25
_C.
6. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.006.


Similar Part No. - MC14572UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14572UB ONSEMI-MC14572UB Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UB ONSEMI-MC14572UB Datasheet
97Kb / 5P
   Hex Gate
July, 2014 ??Rev. 10
MC14572UBCP ONSEMI-MC14572UBCP Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UBCPG ONSEMI-MC14572UBCPG Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UBCPG ONSEMI-MC14572UBCPG Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
More results

Similar Description - MC14572UB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14572UB HITACHI-HD14572UB Datasheet
65Kb / 6P
   Hex Gate
logo
STMicroelectronics
HCC4572B STMICROELECTRONICS-HCC4572B Datasheet
201Kb / 6P
   HEX GATE
logo
ON Semiconductor
MC14572UB ONSEMI-MC14572UB_14 Datasheet
97Kb / 5P
   Hex Gate
July, 2014 ??Rev. 10
MC14572UB ONSEMI-MC14572UB_06 Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UB ONSEMI-MC14572UB_11 Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4572UB TI-CD4572UB Datasheet
277Kb / 6P
[Old version datasheet]   CMOS HEX GATE
logo
ON Semiconductor
MC10197 ONSEMI-MC10197 Datasheet
99Kb / 4P
   Hex AND Gate
1996 REV 5
logo
Texas Instruments
SN74AUC34 TI1-SN74AUC34 Datasheet
610Kb / 11P
[Old version datasheet]   HEX BUFFER GATE
CD4572UBE TI-CD4572UBE Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Hex Gate
logo
National Semiconductor ...
DM54L04 NSC-DM54L04 Datasheet
82Kb / 4P
   Hex Inverting Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com