Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14569BDW Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14569BDW
Description  Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14569BDW Datasheet(HTML) 4 Page - ON Semiconductor

  MC14569BDW Datasheet HTML 1Page - ON Semiconductor MC14569BDW Datasheet HTML 2Page - ON Semiconductor MC14569BDW Datasheet HTML 3Page - ON Semiconductor MC14569BDW Datasheet HTML 4Page - ON Semiconductor MC14569BDW Datasheet HTML 5Page - ON Semiconductor MC14569BDW Datasheet HTML 6Page - ON Semiconductor MC14569BDW Datasheet HTML 7Page - ON Semiconductor MC14569BDW Datasheet HTML 8Page - ON Semiconductor MC14569BDW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC14569B
http://onsemi.com
4
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
VDD
All Types
Characteristic
Symbol
VDD
Vdc
Min
Typ (6.)
Max
Unit
Output Rise Time
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Turn–On Delay Time
Zero Detect Output
tPLH
5.0
10
15
420
175
125
700
300
250
ns
Q Output
5.0
10
15
675
285
200
1200
500
400
ns
Turn–Off Delay Time
Zero Detect Output
tPHL
5.0
10
15
380
150
100
600
300
200
ns
Q Output
5.0
10
15
530
225
155
1000
400
300
ns
Clock Pulse Width
tWH
5.0
10
15
300
150
115
100
45
30
ns
Clock Pulse Frequency
fcl
5.0
10
15
3.5
9.5
13.0
2.1
5.1
7.8
MHz
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
NO LIMIT
µs
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14569BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14569BDW ONSEMI-MC14569BDW Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
MC14569BDWG ONSEMI-MC14569BDWG Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
MC14569BDWG ONSEMI-MC14569BDWG Datasheet
145Kb / 12P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
July, 2014 ??Rev. 8
MC14569BDWR2 ONSEMI-MC14569BDWR2 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
MC14569BDWR2G ONSEMI-MC14569BDWR2G Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
More results

Similar Description - MC14569BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B_14 Datasheet
145Kb / 12P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
July, 2014 ??Rev. 8
MC14569B ONSEMI-MC14569B_05 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
ON Semiconductor
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
   Programmable 4-bit binary down counter
January 1995
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
   Programmable divide-by-n counter
1998 Jul 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com