Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFAE30 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFAE30
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFAE30 Datasheet(HTML) 1 Page - International Rectifier

  IRFAE30 Datasheet HTML 1Page - International Rectifier IRFAE30 Datasheet HTML 2Page - International Rectifier IRFAE30 Datasheet HTML 3Page - International Rectifier IRFAE30 Datasheet HTML 4Page - International Rectifier IRFAE30 Datasheet HTML 5Page - International Rectifier IRFAE30 Datasheet HTML 6Page - International Rectifier IRFAE30 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS =0V, TC = 25°C
Continuous Drain Current
3.1
ID @ VGS = 0V, TC = 100°C
Continuous Drain Current
2.0
IDM
Pulsed Drain Current ➀
12
PD @ TC = 25°C
Max. Power Dissipation
7 5
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
100
mJ
IAR
Avalanche Current ➀
3.1
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
2.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5(typical)
g
PD - 90614
The HEXFETtechnology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
o C
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRFAE30
HEXFET
TRANSISTORS
THRU-HOLE (TO-204AA/AE)
01/24/01
www.irf.com
1
800V, N-CHANNEL
TO-3
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFAE30
800V
3.2
3.1Α
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page


Similar Part No. - IRFAE30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30 Datasheet
150Kb / 7P
   Simple Drive Requirements
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFAE30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF034 IRF-IRF034 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF054 IRF-IRF054 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAG50 IRF-IRFAG50 Datasheet
156Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF230 IRF-IRF230 Datasheet
151Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAC30 IRF-IRFAC30 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF044 IRF-IRF044 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF460PBF IRF-IRF460PBF Datasheet
143Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?숿RANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAG40 IRF-IRFAG40 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAC40 IRF-IRFAC40 Datasheet
152Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
logo
New Jersey Semi-Conduct...
IRF240 NJSEMI-IRF240 Datasheet
101Kb / 2P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com