Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14585B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14585B
Description  4-Bit Magnitude Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14585B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14585B Datasheet HTML 1Page - ON Semiconductor MC14585B Datasheet HTML 2Page - ON Semiconductor MC14585B Datasheet HTML 3Page - ON Semiconductor MC14585B Datasheet HTML 4Page - ON Semiconductor MC14585B Datasheet HTML 5Page - ON Semiconductor MC14585B Datasheet HTML 6Page - ON Semiconductor MC14585B Datasheet HTML 7Page - ON Semiconductor MC14585B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14585B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ (8.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Turn–On, Turn–Off Delay Time
tPLH, tPHL = (1.7 ns/pF) CL + 345 ns
tPLH, tPHL = (0.66 ns/pF) CL + 147 ns
tPLH, tPHL = (0.5 ns/pF) CL + 105 ns
tPLH,
tPHL
5.0
10
15
430
180
130
860
360
260
ns
7. The formulas given are for the typical characteristics only at 25
_C.
8. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Dynamic Power Dissipation
Signal Waveforms
Figure 2. Dynamic Signal Waveforms
20 ns
20 ns
2f
1
VDD
VSS
VDD
VSS
VOH
VOL
VOH
VOL
VOH
VOL
(A < B)out
(A = B)out
(A > B)out
B3
A3
20 ns
20 ns
VDD
VSS
VOH
VOL
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
90%
50%
10%
B0
(A = B)out
(A < B)out
Inputs (A>B) and (A=B) high, and inputs B3, A3, B2,
A2, B1, A1, A0, and (A<B) low.
Inputs (A>B) and (A=B) high, and inputs B2, A2, B1,
A1, B0, A0 and (A<B) low.
f in respect to a system clock.


Similar Part No. - MC14585B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14585B ONSEMI-MC14585B Datasheet
104Kb / 7P
   4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
MC14585BCP ONSEMI-MC14585BCP Datasheet
104Kb / 7P
   4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
MC14585BCPG ONSEMI-MC14585BCPG Datasheet
104Kb / 7P
   4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
MC14585BD ONSEMI-MC14585BD Datasheet
104Kb / 7P
   4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
MC14585BDG ONSEMI-MC14585BDG Datasheet
104Kb / 7P
   4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
More results

Similar Description - MC14585B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
   4-BIT MAGNITUDE COMPARATOR
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
   4-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
   4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com