Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14584BDR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14584BDR2
Description  Hex Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14584BDR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC14584BDR2 Datasheet HTML 1Page - ON Semiconductor MC14584BDR2 Datasheet HTML 2Page - ON Semiconductor MC14584BDR2 Datasheet HTML 3Page - ON Semiconductor MC14584BDR2 Datasheet HTML 4Page - ON Semiconductor MC14584BDR2 Datasheet HTML 5Page - ON Semiconductor MC14584BDR2 Datasheet HTML 6Page - ON Semiconductor MC14584BDR2 Datasheet HTML 7Page - ON Semiconductor MC14584BDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14584B/D
MC14584B
Hex Schmitt Trigger
The MC14584B Hex Schmitt Trigger is constructed with MOS
P–channel and N–channel enhancement mode devices in a single
monolithic structure. These devices find primary use where low power
dissipation and/or high noise immunity is desired. The MC14584B
may be used in place of the MC14069UB hex inverter for enhanced
noise immunity to “square up” slowly changing waveforms.
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load over the Rated Temperature Range
Double Diode Protection on All Inputs
Can Be Used to Replace MC14069UB
For Greater Hysteresis, Use MC14106B which is Pin–for–Pin
Replacement for CD40106B and MM74Cl4
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
MARKING
DIAGRAMS
1
14
PDIP–14
P SUFFIX
CASE 646
MC14584BCP
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
TSSOP–14
DT SUFFIX
CASE 948G
1
14
14584B
AWLYWW
14
584B
ALYW
1
14
SOEIAJ–14
F SUFFIX
CASE 965
1
14
MC14584B
AWLYWW
Device
Package
Shipping
ORDERING INFORMATION
MC14584BCP
PDIP–14
2000/Box
MC14584BD
SOIC–14
55/Rail
MC14584BDR2
SOIC–14
2500/Tape & Reel
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MC14584BDTEL
TSSOP–14 2000/Tape & Reel
MC14584BDT
TSSOP–14
96/Rail
MC14584BF
SOEIAJ–14
See Note 1.
MC14584BFEL
SOEIAJ–14
See Note 1.


Similar Part No. - MC14584BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14584BDR2 ONSEMI-MC14584BDR2 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BDR2G ONSEMI-MC14584BDR2G Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BDR2G ONSEMI-MC14584BDR2G Datasheet
99Kb / 7P
   Hex Schmitt Trigger
May, 2014 ??Rev. 9
More results

Similar Description - MC14584BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com