Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1495D Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC1495D
Description  LINEAR FOUR-QUADRANT MULTIPLIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1495D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC1495D Datasheet HTML 2Page - ON Semiconductor MC1495D Datasheet HTML 3Page - ON Semiconductor MC1495D Datasheet HTML 4Page - ON Semiconductor MC1495D Datasheet HTML 5Page - ON Semiconductor MC1495D Datasheet HTML 6Page - ON Semiconductor MC1495D Datasheet HTML 7Page - ON Semiconductor MC1495D Datasheet HTML 8Page - ON Semiconductor MC1495D Datasheet HTML 9Page - ON Semiconductor MC1495D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC1495
http://onsemi.com
6
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-55
-25
0
25
50
75
100
125
Figure 15. Linearity versus Temperature
Figure 16. Scale Factor versus Temperature
Figure 17. Error Contributed by Input
Differential Amplifier
Figure 18. Error Contributed by
Input Differential Amplifier
TA , AMBIENT TEMPERATURE (°C)
K Adjusted to 0.100 at 25°C
0.110
0.105
0.100
0.095
-55
-25
0
25
50
75
100
125
1.0
0.8
0.6
0.4
0.2
0
10
12
14
16
18
20
RX or RY (kΩ)
1.0
0.8
0.6
0.4
0.2
0
4.0
6.0
8.0
10
12
14
RX or RY (k Ω)
14
12
10
8.0
6.0
4.0
2.0
0
0
2.0
4.0
6.0
8.0
10
12
14
16
18
|V1| or |V7| (V)
ERY
ERX
Minimum
Recommended
TA , AMBIENT TEMPERATURE (°C)
Figure 19. Maximum Allowable Input Voltage versus Voltage at Pin 1 or Pin 7
VX = VY = ± 5.0 V Max
I3 = I13 = 1.0 mAdc
VX = VY = ± 10 V Max
I3 = I13 = 1.0 mAdc


Similar Part No. - MC1495D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1495D MOTOROLA-MC1495D Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
More results

Similar Description - MC1495D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
ON Semiconductor
MC1494 ONSEMI-MC1494 Datasheet
319Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
1996 REV 0
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com