Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8407201RA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 8407201RA
Description  MICROCIRCUIT, DIGITAL, HIGH-SPEED CMOS, OCTAL TRANSPARENT D-TYPE LATCHES WITH THREE STATE OUTPUTS MONOLITIC SILICON
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

8407201RA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  8407201RA Datasheet HTML 1Page - List of Unclassifed Manufacturers 8407201RA Datasheet HTML 2Page - List of Unclassifed Manufacturers 8407201RA Datasheet HTML 3Page - List of Unclassifed Manufacturers 8407201RA Datasheet HTML 4Page - List of Unclassifed Manufacturers 8407201RA Datasheet HTML 5Page - List of Unclassifed Manufacturers 8407201RA Datasheet HTML 6Page - List of Unclassifed Manufacturers 8407201RA Datasheet HTML 7Page - List of Unclassifed Manufacturers 8407201RA Datasheet HTML 8Page - List of Unclassifed Manufacturers 8407201RA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
84072
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
F
SHEET
4
DSCC FORM 2234
APR 97
Minimum hold time, data after LE
↓ (th):
TC = +25
°C:
VCC = 2.0 V ........................................................................................................ 50 ns
VCC = 4.5 V ........................................................................................................ 10 ns
VCC = 6.0 V ........................................................................................................ 10 ns
TC = -55
°C to +125°C:
VCC = 2.0 V ........................................................................................................ 75 ns
VCC = 4.5 V ........................................................................................................ 15 ns
VCC = 6.0 V ........................................................................................................ 13 ns
Minimum pulse width LE high (tw):
TC = +25
°C:
VCC = 2.0 V ........................................................................................................ 100 ns
VCC = 4.5 V ........................................................................................................ 20 ns
VCC = 6.0 V ........................................................................................................ 17 ns
TC = -55
°C to +125°C:
VCC = 2.0 V ........................................................................................................ 150 ns
VCC = 4.5 V ........................................................................................................ 30 ns
VCC = 6.0 V ........................................................................................................ 26 ns
2. APPLICABLE DOCUMENTS
2.1 Government specification, standards, and handbooks. The following specification, standards, and handbooks form a part
of this drawing to the extent specified herein. Unless otherwise specified, the issues of these documents are those listed in the
issue of the Department of Defense Index of Specifications and Standards (DoDISS) and supplement thereto, cited in the
solicitation.
SPECIFICATION
DEPARTMENT OF DEFENSE
MIL-PRF-38535 - Integrated Circuits, Manufacturing, General Specification for.
STANDARDS
DEPARTMENT OF DEFENSE
MIL-STD-883
-
Test Method Standard Microcircuits.
MIL-STD-1835 -
Interface Standard Electronic Component Case Outlines.
HANDBOOKS
DEPARTMENT OF DEFENSE
MIL-HDBK-103 -
List of Standard Microcircuit Drawings.
MIL-HDBK-780 -
Standard Microcircuit Drawings.
(Unless otherwise indicated, copies of the specification, standards, and handbooks are available from the Standardization
Document Order Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094.)
2.2 Order of precedence. In the event of a conflict between the text of this drawing and the references cited herein, the text of
this drawing takes precedence. Nothing in this document, however, supersedes applicable laws and regulations unless a specific
exemption has been obtained.


Similar Part No. - 8407201RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8407201RA TI-8407201RA Datasheet
524Kb / 17P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
8407201RA TI-8407201RA Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
8407201RA TI1-8407201RA Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - 8407201RA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS373 HITACHI-HD74LS373 Datasheet
89Kb / 7P
   Octal D-type Transparent Latches(with three-state outputs)
logo
Renesas Technology Corp
HD74LS373 RENESAS-HD74LS373 Datasheet
96Kb / 8P
   Octal D-type Transparent Latches (with three-state outputs)
HD74LS373 RENESAS-HD74LS373_15 Datasheet
127Kb / 10P
   Octal D-type Transparent Latches (with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACS373 AEROFLEX-UT54ACS373 Datasheet
237Kb / 10P
   Octal Transparent Latches with Three-State Outputs
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com