Electronic Components Datasheet Search
Selected language     English  β–Ό
Advanced Search

              



Part Name


AD5258BRMZ11 Datasheet(PDF) 10 Page - Analog Devices

Part No. AD5258BRMZ11
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 10 page
background image
AD5258
Rev. 0 | Page 10 of 24
250
–150
–100
–50
0
50
100
150
200
0
8
16
24
65
40
48
56
64
CODE (Decimal)
1k
10k
50k
100k
Figure 18. Rheostat Mode Tempco (
Ξ”RAB Γ—10
6)/( RAB Γ— βˆ†T) vs. Code
120
100
–20
0
20
40
60
80
0
8
16
24
65
40
48
56
64
CODE (Decimal)
1k
50k
10k
100k
Figure 19. Potentiometer Mode Tempco (
Ξ”VW Γ— 10
6)/( VW Γ— Ξ”T) vs. Code
350
300
0
50
100
150
200
250
–40
80
60
40
20
0
–20
TEMPERATURE (
Β°C)
RWB @ VDD = 2.7V
RWB @ VDD = 5.5V
Figure 20. RWB vs. Temperature
120
100
80
60
40
20
0
–40
80
60
40
20
0
–20
TEMPERATURE (
Β°C)
10k Rt @ VDD = 5.5V
1k Rt @ VDD = 5.5V
50k Rt @ VDD = 5.5V
100k Rt @ VDD = 5.5V
Figure 21. Total Resistance vs. Temperature
–54
–60
–48
–42
–36
–30
–24
–18
–12
–6
0
10k
100k
1M
10M
100M
FREQUENCY (Hz)
20H
10H
08H
04H
02H
01H
Figure 22. Gain vs. Frequency vs. Code, RAB = 1 k
Ω
20H
10H
08H
04H
02H
01H
–54
–60
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 23. Gain vs. Frequency vs. Code, RAB = 10 k
Ω




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD5259Nonvolatile I2C-Compatible 256-Position Digital Potentiometer 1 2 3 4 5 MoreAnalog Devices
DS3908Dual 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs 1 2 3 4 5 MoreMaxim Integrated Products
X9316E 2 POTβ„’ Nonvolatile Digital Potentiometer 1 2 3 4 5 MoreXicor Inc.
AD52034-Channel 64-Position Digital Potentiometer 1 2 3 4 5 MoreAnalog Devices
X9C102E2POTβ„’ Nonvolatile Digital Potentiometer 1 2 3 4 5 MoreXicor Inc.
AD517164-Position OTP Digital Potentiometer 1 2 3 4 5 MoreAnalog Devices
DS3903Triple 128-Position Nonvolatile Digital Potentiometer 1 2 3 4 5 MoreMaxim Integrated Products
AD52328-Bit Dual Nonvolatile Memory Digital Potentiometer 1 2 3 4 5 MoreAnalog Devices
DS4301Nonvolatile 32-Position Digital Potentiometer 1 2 3 4 5 MoreDallas Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl