Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5258BRMZ501 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5258BRMZ501
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ501 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5258BRMZ501 Datasheet HTML 4Page - Analog Devices AD5258BRMZ501 Datasheet HTML 5Page - Analog Devices AD5258BRMZ501 Datasheet HTML 6Page - Analog Devices AD5258BRMZ501 Datasheet HTML 7Page - Analog Devices AD5258BRMZ501 Datasheet HTML 8Page - Analog Devices AD5258BRMZ501 Datasheet HTML 9Page - Analog Devices AD5258BRMZ501 Datasheet HTML 10Page - Analog Devices AD5258BRMZ501 Datasheet HTML 11Page - Analog Devices AD5258BRMZ501 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5258
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = VLOGIC = 5.5 V, RAB = 10 kΩ, TA = 25°C, unless otherwise noted.
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
8
16
24
65
40
48
56
64
CODE (Decimal)
5.5V
2.7V
Figure 6. R-INL vs. Code vs. Supply Voltage
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
8
16
24
65
40
48
56
64
CODE (Decimal)
5.5V
2.7V
Figure 7. R-DNL vs. Code vs. Supply Voltages
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
8
16
24
65
40
48
56
64
CODE (Decimal)
–40
°C
+25
°C
+85
°C
Figure 8. INL vs. Code vs. Temperature
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
8
16
24
65
40
48
56
64
CODE (Decimal)
–40
°C
+25
°C
+85
°C
Figure 9. DNL vs. Code vs. Temperature
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
8
16
24
65
40
48
56
64
5.5V
2.7V
CODE (Decimal)
Figure 10. INL vs. Supply Voltages
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
8
16
24
65
40
48
56
64
CODE (Decimal)
5.5V
2.7V
Figure 11. DNL vs. Code vs. Supply Voltages


Similar Part No. - AD5258BRMZ501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5258BRMZ50 AD-AD5258BRMZ50 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258BRMZ50-R7 AD-AD5258BRMZ50-R7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
More results

Similar Description - AD5258BRMZ501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com