Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322-592-5006 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 2322-592-5006
Description  The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322-592-5006 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 2322-592-5006 Datasheet HTML 6Page - Vishay Siliconix 2322-592-5006 Datasheet HTML 7Page - Vishay Siliconix 2322-592-5006 Datasheet HTML 8Page - Vishay Siliconix 2322-592-5006 Datasheet HTML 9Page - Vishay Siliconix 2322-592-5006 Datasheet HTML 10Page - Vishay Siliconix 2322-592-5006 Datasheet HTML 11Page - Vishay Siliconix 2322-592-5006 Datasheet HTML 12Page - Vishay Siliconix 2322-592-5006 Datasheet HTML 13Page - Vishay Siliconix 2322-592-5006 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2322 59. .....
Vishay BCcomponents
Varistors
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29081
226
Revision: 10-Oct-03
V/I CHARACTERISTICS, 14V TO 40 V (RMS);
2322 594 series.
V/I CHARACTERISTICS, 50V TO 550V (RMS);
2322 594 series.
200
10
100
10 5
10 4
10 3
10 2
10 1
110
10 2
10 3
V
(V)
max. leakage current
max. clamping voltage
I (A)
80
60
50
40
30
20
300
400
.4006
.3506
.3006
.2506
.2006
.1706
.1406
104
10 3
10 2
10
I (A)
1
10 1
10 2
10 3
10 4
10 5
3000
2000
1000
800
600
500
400
300
200
V
(V)
100
80
60
50
40
max. leakage current
max. clamping voltage
.5516
.5116
.4616
.4216
.3816
.3216
.3016
.2716
.2516
.2316
.1716
.1516
.1416
.1316
.9506
.7506
.6006
.5006
V/I CHARACTERISTICS, 14V TO 40V (RMS);
2322 595 series.
V/I CHARACTERISTICS, 50V TO 550V (RMS);
2322 595 series.
200
10
100
10 5
10 4
10 3
10 2
10 1
110
10 2
10 3
V
(V)
max. leakage current
max. clamping voltage
I (A)
80
60
50
40
30
20
300
400
.4006
.3506
.3006
.2506
.2006
.1706
.1406
104
103
102
10
I (A)
1
10 1
10 2
10 3
10 4
10 5
3000
2000
1000
800
600
500
400
300
200
V
(V)
100
80
60
50
40
max. leakage current
max. clamping voltage
.5516
.5116
.4616
.4216
.3816
.3216
.3016
.2716
.2516
.2316
.1716
.1516
.1416
.1316
.9506
.7506
.6006
.5006
V/I CHARACTERISTICS, 60V TO 95V (RMS);
2322 596 series.
V/I CHARACTERISTICS, 130V TO 175V (RMS);
2322 596 series.
V
(V)
10
4
10
3
10
2
10
I (A)
1
10
1
10
2
10
3
10
4
10
5
10
100
1000
max. leakage current
max. clamping voltage
.950.
.750.
.600.
100
1000
max. leakage current
max. clamping voltage
.171.
.151.
.141.
.131.
10
4
10
3
10
2
10
I (A)
1
10
1
10
2
10
3
10
4
10
5
V
(V)


Similar Part No. - 2322-592-5006

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2322-0G JOHANSON-2322-0G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-0G KNOWLES-2322-0G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
2322-0GSL KNOWLES-2322-0GSL Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Johanson Technology Inc...
2322-1G JOHANSON-2322-1G Datasheet
162Kb / 2P
   Important Information Storage Instructions for Cera-Trim
logo
Knowles Electronics
2322-1G KNOWLES-2322-1G Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - 2322-592-5006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2381592X140Y VISHAY-2381592X140Y Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
logo
KODENSHI_AUK CORP.
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K201 KODENSHI-K201 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714 KODENSHI-KPC714 Datasheet
153Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC714A KODENSHI-KPC714A Datasheet
172Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K3630 KODENSHI-K3630 Datasheet
151Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
K5630 KODENSHI-K5630 Datasheet
192Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814 KODENSHI-KPC814 Datasheet
140Kb / 3P
   Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com