Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14C89ABP Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC14C89ABP
Description  QUAD LOW POWER LINE RECEIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14C89ABP Datasheet(HTML) 2 Page - ON Semiconductor

  MC14C89ABP Datasheet HTML 1Page - ON Semiconductor MC14C89ABP Datasheet HTML 2Page - ON Semiconductor MC14C89ABP Datasheet HTML 3Page - ON Semiconductor MC14C89ABP Datasheet HTML 4Page - ON Semiconductor MC14C89ABP Datasheet HTML 5Page - ON Semiconductor MC14C89ABP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC14C89B, AB
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC(max)
VCC(min)
VCC
+ 7.0
– 0.5
Vdc
Input Voltage
Vin
± 30
Vdc
Output Load Current
IO
Self–Limiting
Junction Temperature
TJ
–65, +150
°C
Devices should not be operated at these limits. The “Recommended Operating Conditions” table provides
for actual device operation.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
4.5
5.0
5.5
Vdc
Input Voltage
Vin
–25
25
Vdc
Output Current Capability
IO
–7.5
6.0
mA
Operating Ambient Temperature
TA
–40
85
°C
All limits are not necessarily functional concurrently.
ELECTRICAL CHARACTERISTICS (–40
°C p TA p +85°C, unless otherwise noted.)*
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Current (Iout = 0)
ICC @ +4.5 V p VCC p +5.5 V
ICC
330
700
µA
Output Voltage – High, Vin p 0.4 V (See Figures 2 and 3)
Iout = –20 µAVCC = 4.5 V
VCC = 5.5 V
Iout = –3.2 mA
VCC = 4.5 V
VCC = 5.5 V
Output Voltage – Low, Vin q 2.4 V
Iout = 3.2 mA
VCC = 4.5 V
VCC = 5.5 V
VOH
VOL
3.5
3.5
2.5
2.5
3.8
4.8
3.7
4.7
0.1
0.1
0.4
0.4
Vdc
Output Short Circuit Current** (VCC = 5.5 V, see Figure 4)
Normally High Output shorted to ground
Normally Low Output shorted to VCC
IOS
–35
–13.9
+10.3
35
mA
Input Threshold Voltage (VCC = 5.0 V)
(MC14C89AB, see Figure 5)
Low Level
High Level
(MC14C89B, see Figure 6)
Low Level
High Level
VIL
VIH
VIL
VIH
0.75
1.6
0.75
1.0
0.95
1.90
0.95
1.3
1.25
2.25
1.25
1.5
Vdc
Input Impedance (+4.5 V
t VCC t +5.5 V –25 V t Vin t +25 V)
3.0
5.5
7.0
k
* * Typicals reflect performance @ TA = 25°C
**Only one output shorted at a time, for not more than 1.0 seconds.
TIMING CHARACTERISTICS (TA = +25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Transition Time (10% to 90%)
4.5 V
p VCC p 5.5 V
tT
0.08
0.30
µs
Propagation Delay Time
4.5 V
p VCC p 5.5 V
Output Low–to–High
Output High–to–Low
tPLH
tPHL
3.35
2.55
6.0
6.0
µs
Input Noise Rejection (see Figure 9)
1.0
1.5
µs


Similar Part No. - MC14C89ABP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
MC14C88BD MOTOROLA-MC14C88BD Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
MC14C88BP MOTOROLA-MC14C88BP Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
More results

Similar Description - MC14C89ABP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com