Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1723CP Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC1723CP
Description  VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1723CP Datasheet(HTML) 2 Page - ON Semiconductor

  MC1723CP Datasheet HTML 1Page - ON Semiconductor MC1723CP Datasheet HTML 2Page - ON Semiconductor MC1723CP Datasheet HTML 3Page - ON Semiconductor MC1723CP Datasheet HTML 4Page - ON Semiconductor MC1723CP Datasheet HTML 5Page - ON Semiconductor MC1723CP Datasheet HTML 6Page - ON Semiconductor MC1723CP Datasheet HTML 7Page - ON Semiconductor MC1723CP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC1723C
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Pulse Voltage from VCC to VEE (50 ms)
VI(p)
50
Vpk
Continuous Voltage from VCC to VEE
VI
40
Vdc
Input–Output Voltage Differential
VI–VO
40
Vdc
Maximum Output Current
IL
150
mAdc
Current from Vref
Iref
15
mAdc
Current from Vz
Iz
25
mA
Voltage Between Noninverting Input and VEE
Vie
8.0
Vdc
Differential Input Voltage
Vid
±5.0
Vdc
Power Dissipation and Thermal Characteristics
TA = +25°C
Derate above TA = +25°C
Thermal Resistance, Junction–to–Air
PD
1/
θJA
θJA
1.25
10
100
W
mW/
°C
°C/W
Operating and Storage Junction Temperature Range
TJ, Tstg
–65 to +175
°C
Operating Ambient Temperature Range
TA
0 to +70
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, Vin 12 Vdc, VO = 5.0 Vdc, IL = 1.0 mAdc, RSC = 0, C1 = 100 pF, Cref = 0 and divider
impedance as seen by the error amplifier
≤ 10 kΩ connected as shown in Figure 2, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Voltage Range
VI
9.5
40
Vdc
Output Voltage Range
VO
2.0
37
Vdc
Input–Output Voltage Differential
VI–VO
3.0
38
Vdc
Reference Voltage
Vref
6.80
7.15
7.50
Vdc
Standby Current Drain ( IL = 0, Vin = 30 V)
IIB
2.3
4.0
mAdc
Output Noise Voltage (f = 100 Hz to 10 kHz)
Cref = 0
Cref = 5.0 µF
Vn
20
2.5
µV(RMS)
Average Temperature Coefficient of Output
Voltage (Tlow < TA < Thigh)
TCVO
0.003
0.015
%/
°C
Line Regulation
(TA = 25°C)
12 V < Vin < 15 V
12 V < Vin < 40 V
(Tlow < TA < Thigh)
12 V < Vin < 15 V
Regline
0.01
0.1
0.1
0.5
0.3
% VO
Load Regulation (1.0 mA < IL < 50 mA)
TA = 25°C
Tlow < TA < Thigh
Regload
0.03
0.2
0.6
% VO
Ripple Rejection (f = 50 Hz to 10 kHz)
Cref = 0
Cref = 5.0 µF
RR
74
86
dB
Short Circuit Current Limit (RSC = 10 Ω, VO = 0)
ISC
65
mAdc
Long Term Stability
^VO/^t
0.1
%/1000 Hr.
NOTE: Tlow to Thigh = 0° to +70°C


Similar Part No. - MC1723CP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1723CP MOTOROLA-MC1723CP Datasheet
882Kb / 12P
   VOLTAGE REGULATOR
More results

Similar Description - MC1723CP

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com